Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL81601 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # ISL81601
Description  60V Bidirectional 4-Switch Synchronous Buck-Boost Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL81601 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button ISL81601 Datasheet HTML 33Page - Renesas Technology Corp ISL81601 Datasheet HTML 34Page - Renesas Technology Corp ISL81601 Datasheet HTML 35Page - Renesas Technology Corp ISL81601 Datasheet HTML 36Page - Renesas Technology Corp ISL81601 Datasheet HTML 37Page - Renesas Technology Corp ISL81601 Datasheet HTML 38Page - Renesas Technology Corp ISL81601 Datasheet HTML 39Page - Renesas Technology Corp ISL81601 Datasheet HTML 40Page - Renesas Technology Corp ISL81601 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 54 page
background image
FN9299 Rev.3.1
Page 37 of 53
May 27, 2021
ISL81601
5. Functional Description
5.9
Frequency Selection
Switching frequency selection is a trade-off between efficiency and component size. Low switching frequency
improves efficiency by reducing MOSFET switching loss. To meet the output ripple and load transient
requirements, operation at a low switching frequency requires larger inductance and output capacitance. The
switching frequency of the ISL81601 is set by a resistor connected from the RT/SYNC pin to GND according to
Equation 1 on page 10.
The frequency setting curve shown in Figure 51 assists in selecting the correct value for RT.
Figure 51. RT vs Switching Frequency fSW
5.10
Phase Lock Loop (PLL)
The ISL81601 integrates a high performance PLL. The PLL ensures the wide range of accurate clock frequency
and phase setting. It also makes the internal clock easily synchronized to an external clock with the frequency
either lower or higher than the internal setting.
As shown in Figure 52, an external compensation network of RPLL, CPLL1, and CPLL2 is needed to connect to the
PLL_COMP pin to ensure PLL stable operation. Renesas recommends choosing 2.7kΩ for RPLL, 10nF for CPLL1,
and 820pF for CPLL2. With the recommended compensation network, the PLL stability is ensured in the full clock
frequency range of 100kHz to 600kHz.
Figure 52. PLL Compensation Network
0
500
1,000
1,500
2,000
2,500
3,000
050
100
150
200
250
RT (k:)
PLL_COMP
CPLL1
RPLL
CPLL2
ISL81601



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com