Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL81601 Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # ISL81601
Description  60V Bidirectional 4-Switch Synchronous Buck-Boost Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL81601 Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button ISL81601 Datasheet HTML 40Page - Renesas Technology Corp ISL81601 Datasheet HTML 41Page - Renesas Technology Corp ISL81601 Datasheet HTML 42Page - Renesas Technology Corp ISL81601 Datasheet HTML 43Page - Renesas Technology Corp ISL81601 Datasheet HTML 44Page - Renesas Technology Corp ISL81601 Datasheet HTML 45Page - Renesas Technology Corp ISL81601 Datasheet HTML 46Page - Renesas Technology Corp ISL81601 Datasheet HTML 47Page - Renesas Technology Corp ISL81601 Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 54 page
background image
FN9299 Rev.3.1
Page 44 of 53
May 27, 2021
ISL81601
6. Protection Circuits
6.3.3
Second Level Hiccup Peak Current Protection
To avoid any false trip in peak current-mode operation, a minimum on or blanking time is set to the PWM
signal. The first level pulse-by-pulse current limit circuit cannot further reduce the PWM duty cycle in the
minimum on-time. In output dead short condition especially at high VIN, the inductor current runs away with
the minimum on PWM duty. The ISL81601 integrates a second level hiccup type of peak current protection.
When the voltage drop on RS_IN reaches the set point VOCSET-CS-HIC (typical 100mV), the converter turns off
by turning off all four switches Q1, Q2, Q3, and Q4 for 50ms before a re-start up is issued. The second level
peak current protection set point IOCPP2 can be calculated by Equation 20.
6.3.4
Pulse-by-Pulse Negative Peak Current Limit
In cases of reverse direction operation and OVP protection, the inductor current goes to negative. The negative
current is sensed by the shunt resistor RS_OUT and op amp A2 shown in Figure 45. When the voltage drop on
RS_OUT reaches the set point VOCSET-ISEN (typical -59mV), Q2 and Q4 are turned off and Q1 and Q3 are turned
on. The negative peak current limit set point IOCPPN can be calculated by Equation 21.
The device can be damaged in negative peak current limit conditions. In these conditions, the energy flows from
output to input. If the impedance of the input source or devices is not low enough, the VIN voltage increases.
When VIN increases to higher than its maximum limit, the IC can be damaged.
6.4
Overvoltage Protection
The overvoltage set point is set at 114% of the nominal output voltage set by the feedback resistors. In the case of
an overvoltage event, the IC attempts to bring the output voltage back into regulation by keeping Q1 and Q3 turned
off and Q2 and Q4 turned on. If the OV condition continues, the inductor current goes negative to trip the negative
peak current limit. The converter reverses direction to transfer energy from the output end to the input end. Input
voltage is pushed high if the input source impedance is not low enough. The IC can be damaged if the input voltage
goes to higher than its maximum limit. If the overvoltage condition is corrected and the output voltage drops to the
nominal voltage, the controller resumes work in normal PWM switching. The OV pin is pulled high when output
OVP trips.
6.5
Over-Temperature Protection
The ISL81601 incorporates an over-temperature protection circuit that shuts the IC down when a die temperature
of +160°C is reached. Normal operation resumes when the die temperature drops below +145°C through the
initiation of a full soft-start cycle. During OTP shutdown, the IC consumes only 100µA current. When the
controller is disabled, thermal protection is inactive. This helps achieve a very low shutdown current of 5µA.
IOCPP2
VOCSET-CS-HIC
RS_IN
--------------------------------------------
=
(EQ. 20)
IOCPPN
VOCSET-ISEN
RS_OUT
--------------------------------------
=
(EQ. 21)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com