Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL81601 Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # ISL81601
Description  60V Bidirectional 4-Switch Synchronous Buck-Boost Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL81601 Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button ISL81601 Datasheet HTML 43Page - Renesas Technology Corp ISL81601 Datasheet HTML 44Page - Renesas Technology Corp ISL81601 Datasheet HTML 45Page - Renesas Technology Corp ISL81601 Datasheet HTML 46Page - Renesas Technology Corp ISL81601 Datasheet HTML 47Page - Renesas Technology Corp ISL81601 Datasheet HTML 48Page - Renesas Technology Corp ISL81601 Datasheet HTML 49Page - Renesas Technology Corp ISL81601 Datasheet HTML 50Page - Renesas Technology Corp ISL81601 Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 54 page
background image
FN9299 Rev.3.1
Page 47 of 53
May 27, 2021
ISL81601
8. Component Selection Guideline
8.
Component Selection Guideline
8.1
MOSFET Considerations
The MOSFETs are chosen for optimum efficiency given the potentially wide input voltage range and output power
requirement. Select these MOSFETs based upon rDS(ON), gate supply requirements, and thermal management
considerations.
The buck MOSFETs’ maximum operation voltage is decided by the maximum VIN voltage, and the boost
MOSFETs’ maximum operation voltage is decided by the maximum VOUT voltage. Choose the buck or boost
MOSFETs based on their maximum operation voltage with sufficient margin for safe operation.
The MOSFETs’ power dissipation is based on: conduction loss and switching loss. In Buck mode, the power loss
of the buck upper and lower MOSFETs are calculated by Equations 22 and 23. The conduction losses are the main
source of power dissipation for the lower MOSFET. Only the upper MOSFET has significant switching losses,
because the lower device turns on and off into near zero voltage. The equations assume linear voltage current
transitions and do not model power loss due to the reverse recovery of the lower MOSFET’s body diode.
In Boost mode, there is only conduction loss on the buck upper MOSFET calculated by Equation 24.
In Boost mode, the boost upper and lower MOSFETs’ power loss are calculated by Equations 25 and 26. The
conduction losses are the main component of power dissipation for the upper MOSFET. Only the lower MOSFET
has significant switching losses, because the upper device turns on and off into near zero voltage. The equations
assume linear voltage current transitions and do not model power loss due to the reverse recovery of the upper
MOSFET’s body diode.
In Buck mode, the conduction loss exists on the boost upper MOSFET calculated by Equation 27.
A large gate-charge increases the switching time, tSW, which increases the switching losses of the buck upper and
boost lower MOSFETs. Ensure that all four MOSFETs are within their maximum junction temperature at high
ambient temperature by calculating the temperature rise according to package thermal resistance specifications.
PUPPERBUCK
IOUT
2
 r
DS ON

 V
OUT

VIN
-----------------------------------------------------------------------
IOUT
 V
IN
 t
SW
 f
SW

2
-----------------------------------------------------------------
+
=
(EQ. 22)
PLOWERBUCK
IOUT
2
 r
DS ON

 V
IN
VOUT
–

VIN
---------------------------------------------------------------------------------------
=
(EQ. 23)
PUPPERBUCK
IOUT
2
 V
OUT
2

VIN
2

---------------------------------------------- rDS ON


=
(EQ. 24)
PLOWERBOOST
IOUT
2
 V
OUT
2

VIN
2

----------------------------------------------
VOUT VIN
–
 r
DS ON


VOUT
-----------------------------------------------------------------
IOUT
 V
OUT
2
 t
SW
 f
SW

2VIN

---------------------------------------------------------------------------
+
=
(EQ. 25)
PUPPERBOOST
IOUT
2
 r
DS ON

 V
OUT

VIN
-----------------------------------------------------------------------
=
(EQ. 26)
PUPPERBOOST
IOUT
2
 r
DS ON


=
(EQ. 27)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com