Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL81601 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # ISL81601
Description  60V Bidirectional 4-Switch Synchronous Buck-Boost Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL81601 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ISL81601 Datasheet HTML 12Page - Renesas Technology Corp ISL81601 Datasheet HTML 13Page - Renesas Technology Corp ISL81601 Datasheet HTML 14Page - Renesas Technology Corp ISL81601 Datasheet HTML 15Page - Renesas Technology Corp ISL81601 Datasheet HTML 16Page - Renesas Technology Corp ISL81601 Datasheet HTML 17Page - Renesas Technology Corp ISL81601 Datasheet HTML 18Page - Renesas Technology Corp ISL81601 Datasheet HTML 19Page - Renesas Technology Corp ISL81601 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 54 page
background image
FN9299 Rev.3.1
Page 16 of 53
May 27, 2021
ISL81601
3. Specifications
FB_OUT Error Amp Output Current
Capability
±310
µA
COMP Max High Voltage
VCOMP_HIGH
FB_OUT = 0V
3.8
V
COMP Min Low Voltage
VCOMP_LOW
FB_OUT = 1V
0.01
V
FB_IN Pin Bias Current
IFBINLKG
-50
0
+50
nA
FB_IN Error Amp GM
Gm2
12
µS
FB_IN Error Amp Voltage Gain
AV2
72
dB
FB_IN Error Amp Gain-BW Product
GBW2
5
MHz
FB_IN Active Range (Note 10)VFB_IN_ACT
VCC5V = 5V
04.3
V
FB_IN Logic Low Threshold (Note 10)VFB_IN_L
0.2
V
FB_IN Logic High Threshold (Note 10)VFB_IN_H
VCC5V = 5V
4.7
V
PWM Regulator
Buck Mode Minimum Off-Time
tOFF_MIN1
220
ns
Buck Mode Minimum On-Time
tON_MIN1
100
ns
Boost Mode Minimum Off-Time
tOFF_MIN2
180
ns
Boost Mode Minimum On-Time
tON_MIN2
140
ns
Buck Mode Peak-to-Peak Sawtooth
Amplitude
DVRAMP1
VIN = VOUT = 12V, fSW = 300kHz
1.0
V
Boost Mode Peak-to-Peak Sawtooth
Amplitude
DVRAMP2
VIN = VOUT = 12V, fSW = 300kHz
0.93
V
Buck Mode Ramp Offset
VROFFSET1
0.88
0.95
1.11
V
Boost Mode Ramp Offset
VROFFSET2
2.84
3.15
3.7
V
Current Sense, Current Monitors, and Average Current Loop
Input Current Sense Differential
Voltage Range
VCS+ - VCS-
-80
+150
mV
Input Current Sense Common-Mode
Voltage Range
CMIRCS
060
V
IMON_IN Offset Current
ICSOFFSET
CS+ = CS- = 12V
15.5
19.5
22.5
µA
Input Current Sense Voltage to
IMON_IN Current Source Gain
GmCS
12V common-mode voltage applied to
CS+/- pins, 0 to 40mV differential voltage
170
200
220
µS
IMON_IN Error Amp GM
Gm3
12
µS
IMON_IN Error Amp Voltage Gain
AV3
72
dB
IMON_IN Active Range (Note 10)VIMON_IN_ACT
VCC5V = 5V
04.3
V
IMON_IN Logic High Threshold
(Note 10)
VIMON_IN_H
VCC5V = 5V
4.7
V
IMON_IN Error Amp Gain-BW
Product
GBW3
5
MHz
Output Current Sense Differential
Voltage Range
VISEN+ -VISEN-
-80
+150
mV
Output Current Sense
Common-Mode Voltage Range
CMIRISEN
060
V
IMON_OUT Offset Current
IISENOFFSET
ISEN+ = ISEN- = 12V
17.5
20
22
µA
Recommended operating conditions unless otherwise noted. Refer to “Block Diagram” on page 7 and “Typical Application Schematics”
on page 5. VIN = 4.5V to 60V, or VDD = 8V ±10%, C_VCC5V = 4.7µF, TA = -40°C to +125°C, Typical values are at TA = +25°C, unless
otherwise specified. Boldface limits apply across the operating temperature range, -40°C to +125°C. (Continued)
Parameter
Symbol
Test Conditions
Min
(Note 6)Typ
Max
(Note 6)Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com