Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL81601 Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # ISL81601
Description  60V Bidirectional 4-Switch Synchronous Buck-Boost Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL81601 Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button ISL81601 Datasheet HTML 31Page - Renesas Technology Corp ISL81601 Datasheet HTML 32Page - Renesas Technology Corp ISL81601 Datasheet HTML 33Page - Renesas Technology Corp ISL81601 Datasheet HTML 34Page - Renesas Technology Corp ISL81601 Datasheet HTML 35Page - Renesas Technology Corp ISL81601 Datasheet HTML 36Page - Renesas Technology Corp ISL81601 Datasheet HTML 37Page - Renesas Technology Corp ISL81601 Datasheet HTML 38Page - Renesas Technology Corp ISL81601 Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 54 page
background image
FN9299 Rev.3.1
Page 35 of 53
May 27, 2021
ISL81601
5. Functional Description
Figure 50. Buck-Boost Mode Equivalent Circuit and Operation Waveforms
5.7
Light-Load Efficiency Enhancement
The ISL81601 can be set to DE and Burst mode to improve light load efficiency. The dual functional
LG1/PWM_MODE pin sets the DE or PWM mode operation in the initiation stage before soft-start. During the
initiation stage, a typical 10µA current source IMODELG1 from the LG1/PWM_MODE pin creates a voltage drop
on the resistor RLG1 connected between the LG1/PWM_MODE pin and GND. When the voltage is lower than
typical 0.3V, PWM mode is set. Otherwise, DE mode is set.
To set for DE mode operation, select RLG1 to meet:
When DE mode is set, the buck sync FET driven by LG1 and the boost sync FET driven by UG2 are all running in
DE mode. The inductor current is not allowed to reverse (discontinuous operation) depending on the zero cross
detection reference level VCROSS1 for buck sync FET and VCROSS2 for boost sync FET. At light load conditions,
the converter goes into diode emulation. When the load current is less than the level set by VIMONOUTBSTEN
typical 0.85V on the IMON_OUT pin, the part enters Burst mode. Equation 12 sets the Burst mode operation enter
condition.
where (refer to Figure 45 on page 31):
ISENOFFSET is the output current sense op amp internal offset current, typical 20µA
GmISEN is the output current sense op amp Gm, typical 200µS.
The part exits Burst mode when the output current increases to higher than the level set by VIMONOUTBSTEX
typical 0.88V on the IMON_OUT pin. Equation 13 sets the Burst mode operation exit condition.
When the part enters Burst mode, the BSTEN pin goes low. To fully avoid any enter/exit chattering, a 4-10MΩ
resistor can be added between the BSTEN and IMON_OUT pins to further expand the hysteresis.
CLOCK
Q1
UG1
Q2
LG1
Q3
LG2
Q4
UG2
IL
Q1
Q3
VIN
VOUT
Q2
Q4
RS_IN
RS_OUT
L
UG1
LG1
UG2
LG2
PH1
PH2
RLG1xIMODELG1 0.34V
(EQ. 11)
RIM_OUTxISENOFFSET IOUTxRS_OUTxGmISEN
+
 V
IMONOUTBSTEN
(EQ. 12)
RIM_OUTxISENOFFSET IOUTxRS_OUTxGmISEN
+
 v
IMONOUTBSTEX
(EQ. 13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com