Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL81601 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # ISL81601
Description  60V Bidirectional 4-Switch Synchronous Buck-Boost Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL81601 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button ISL81601 Datasheet HTML 20Page - Renesas Technology Corp ISL81601 Datasheet HTML 21Page - Renesas Technology Corp ISL81601 Datasheet HTML 22Page - Renesas Technology Corp ISL81601 Datasheet HTML 23Page - Renesas Technology Corp ISL81601 Datasheet HTML 24Page - Renesas Technology Corp ISL81601 Datasheet HTML 25Page - Renesas Technology Corp ISL81601 Datasheet HTML 26Page - Renesas Technology Corp ISL81601 Datasheet HTML 27Page - Renesas Technology Corp ISL81601 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 54 page
background image
FN9299 Rev.3.1
Page 24 of 53
May 27, 2021
ISL81601
4. Typical Performance Curves
Figure 31. Load Transient, VIN = 9V, IOUT = 0A to 10A,
2.5A/µs, CCM
Figure 32. Load Transient, VIN = 12V, IOUT = 0A to 10A,
2.5A/µs, CCM
Figure 33. Load Transient, VIN = 60V IOUT = 0A to 10A,
2.5A/µs, CCM
Figure 34. Line Transient, VIN = 9V-60V, 1V/ms, IOUT = 0A
Figure 35. Line Transient, VIN = 60V-9V, 1V/ms, IOUT = 0A
Figure 36. Start-Up Waveform, VIN = 9V IO = 10A CCM
Oscilloscope plots are taken using the ISL81601EVAL1Z evaluation board, VIN = 9V to 60V, VOUT = 12V, IOUT = 10A unless otherwise
noted. (Continued)
VOUT 200mV/Div
IOUT 5A/Div
2ms/Div
VOUT 200mV/Div
IOUT 5A/Div
2ms/Div
2ms/Div
VOUT 200mV/Div
IOUT 5A/Div
VOUT 200mV/Div
IL 10A/Div
VIN 20V/Div
10ms/Div
VOUT 200mV/Div
IL 10A/Div
VIN 20V/Div
10ms/Div
4ms/Div
PHASE1 10V/Div
PHASE2 10V/Div
VOUT 5V/Div
IL 10A/Div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com