Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL81601 Datasheet(PDF) 51 Page - Renesas Technology Corp

Part # ISL81601
Description  60V Bidirectional 4-Switch Synchronous Buck-Boost Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL81601 Datasheet(HTML) 51 Page - Renesas Technology Corp

Back Button ISL81601 Datasheet HTML 46Page - Renesas Technology Corp ISL81601 Datasheet HTML 47Page - Renesas Technology Corp ISL81601 Datasheet HTML 48Page - Renesas Technology Corp ISL81601 Datasheet HTML 49Page - Renesas Technology Corp ISL81601 Datasheet HTML 50Page - Renesas Technology Corp ISL81601 Datasheet HTML 51Page - Renesas Technology Corp ISL81601 Datasheet HTML 52Page - Renesas Technology Corp ISL81601 Datasheet HTML 53Page - Renesas Technology Corp ISL81601 Datasheet HTML 54Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 51 / 54 page
background image
FN9299 Rev.3.1
Page 51 of 53
May 27, 2021
ISL81601
9. Revision History
1.0
May 3, 2018
Removed references to M38.173C package (38 Ld HTSSOP) and all parts that support it (ISL81601FVEZ,
ISL81601FVEZ-T, ISL81601FVEZ-T7A, and ISL81601EVAL2Z).
Updated the following specifications on page 16:
-BSTEN Output Logic High: changed Test Conditions from “Load Resistance 100kΩ” to “No load,
VCC5V = 5” and Typical value from 4 to 4.9
-BSTEN Output Logic Low: changed Typical value from 0.3 to 0.07
-CLKEN Output Logic High: changed Test Conditions from “Load Resistance 100kΩ” to “No load,
VCC5V = 5” and Typical value from 4 to 4.9
-CLKEN Output Logic Low: changed Typical value from 0.3 to 0.07
-OV PIN Output Logic High from 4 to 4.9: changed Test Conditions from “Load Resistance 100kΩ” to “No
load, VCC5V = 5” and Typical value from 4 to 4.9
-OV PIN Output Logic Low: changed Test Conditions from “Pull-up Resistance 100kΩ” to “No load” and
Typical value from 0.3 to 0
0.0
Apr 11, 2018
Initial release.
Rev.
Date
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com