Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL81601 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # ISL81601
Description  60V Bidirectional 4-Switch Synchronous Buck-Boost Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL81601 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button ISL81601 Datasheet HTML 14Page - Renesas Technology Corp ISL81601 Datasheet HTML 15Page - Renesas Technology Corp ISL81601 Datasheet HTML 16Page - Renesas Technology Corp ISL81601 Datasheet HTML 17Page - Renesas Technology Corp ISL81601 Datasheet HTML 18Page - Renesas Technology Corp ISL81601 Datasheet HTML 19Page - Renesas Technology Corp ISL81601 Datasheet HTML 20Page - Renesas Technology Corp ISL81601 Datasheet HTML 21Page - Renesas Technology Corp ISL81601 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 54 page
background image
FN9299 Rev.3.1
Page 18 of 53
May 27, 2021
ISL81601
3. Specifications
Burst Mode Peak FB Voltage Limit
Set Point
VBST-VFB-UTH
0.82
V
Burst Mode Exit FB Voltage Set Point
VBST-VFB-LTH
0.78
V
BSTEN Output Logic High
VBSTEN-OH
No load, VCC5V = 5V
4.9
V
BSTEN Output Logic Low
VBSTEN-OL
Pull-up resistance 100kΩ
0.07
V
BSTEN Input Logic High
VBSTEN-IH
3.2
V
BSTEN Input Logic Low
VBSTEN-IL
1
V
CLKEN Output Logic High
VCLKEN-OH
No load, VCC5V = 5V
4.9
V
CLKEN Output Logic Low
VCLKEN-OL
Pull-up resistance 100kΩ
0.07
V
CLKEN Input Logic High
VCLKEN-IH
3.2
V
CLKEN Input Logic Low
VCLKEN-IL
1
V
PWM Gate Drivers
Driver 1, 2 BOOT Refresh Trip
Voltage
VBOOTRF1,2
BOOT voltage - PHASE voltage
5.4
5.95
6.65
V
Driver 1, 2 Source and Upper Sink
Current
IGSRC1,2
2000
mA
Driver 1, 2 Lower Sink Current
IGSNK1,2
3000
mA
Driver 1, 2 Upper Drive Pull-Up
RUG_UP1,2
2.2
Ω
Driver 1, 2 Upper Drive Pull-Down
RUG_DN1,2
1.7
Ω
Driver 1, 2 Lower Drive Pull-Up
RLG_UP1,2
3
Ω
Driver 1, 2 Lower Drive Pull-Down
RLG_DN
2
Ω
Driver 1, 2 Upper Drive Rise Time
tGR_UP
COUT = 1000pF
10
ns
Driver 1, 2 Upper Drive Fall Time
tGF_UP
COUT = 1000pF
10
ns
Driver 1, 2 Lower Drive Rise Time
tGR_DN
COUT = 1000pF
10
ns
Driver 1, 2 Lower Drive Fall Time
tGF_DN
COUT = 1000pF
10
ns
Overvoltage Protection
Output OVP Threshold
VOVTH_OUT
112
114
116
%
OV Pin Output Logic High
VOV-OH
Load resistance 100k, VCC5V = 5V
4.9
V
OV Pin Output Logic Low
VOV-OL
No load
0
V
OV Pin Input Logic High
VOV-IH
3.2
V
OV Pin Input Logic Low
VOV-IL
1
V
Overcurrent Protection
LG2/OC_MODE Current Source
IMODELG2
7.5
10
12.5
µA
LG2/OC_MODE Threshold Low
VMODETHLOC
0.26
V
LG2/OC_MODE Threshold High
VMODETHHOC
0.34
V
Pulse-by-Pulse Peak Current Limit
Input Shunt Set Point
VOCSET-CS
VCS+ - VCS-, 12V common-mode voltage
applied to CS+/- pins
68
82
96
mV
Hiccup Peak Current Limit Input
Shunt Set Point
VOCSET-CS-HIC
VCS+ - VCS-
100
mV
Pulse-by-Pulse Negative Peak
Current Limit Output Shunt Set Point
VOCSET-ISEN
VISEN+ - VISEN-, 12V common-mode
voltage applied to ISEN+/- pins
-72
-59
-48
mV
Recommended operating conditions unless otherwise noted. Refer to “Block Diagram” on page 7 and “Typical Application Schematics”
on page 5. VIN = 4.5V to 60V, or VDD = 8V ±10%, C_VCC5V = 4.7µF, TA = -40°C to +125°C, Typical values are at TA = +25°C, unless
otherwise specified. Boldface limits apply across the operating temperature range, -40°C to +125°C. (Continued)
Parameter
Symbol
Test Conditions
Min
(Note 6)Typ
Max
(Note 6)Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com