Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL81601 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # ISL81601
Description  60V Bidirectional 4-Switch Synchronous Buck-Boost Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL81601 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button ISL81601 Datasheet HTML 24Page - Renesas Technology Corp ISL81601 Datasheet HTML 25Page - Renesas Technology Corp ISL81601 Datasheet HTML 26Page - Renesas Technology Corp ISL81601 Datasheet HTML 27Page - Renesas Technology Corp ISL81601 Datasheet HTML 28Page - Renesas Technology Corp ISL81601 Datasheet HTML 29Page - Renesas Technology Corp ISL81601 Datasheet HTML 30Page - Renesas Technology Corp ISL81601 Datasheet HTML 31Page - Renesas Technology Corp ISL81601 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 54 page
background image
FN9299 Rev.3.1
Page 28 of 53
May 27, 2021
ISL81601
5. Functional Description
5.4
Tracking Operation
The ISL81601 can track an external supply. To implement tracking, connect a resistive divider between the external
supply output and ground. Connect the center point of the divider to the SS/TRK pin of the ISL81601. The resistive
divider ratio sets the ramping ratio between the two voltage rails. To implement coincident tracking, set the
tracking resistive divider ratio exactly the same as the ISL81601 output resistive divider given by Equation 5 on
page 29. Make sure that the voltage at SS/TRK is greater than 0.8V when the master rail reaches regulation.
To minimize the impact of the 2µA soft-start current on the tracking function, Renesas recommends using resistors
less than 10kΩ for the tracking resistive divider.
When the SS/TRK pin voltage is pulled down to less than 0.3V by the external tracking source, the prebias startup
DE mode function is enabled again. The output voltage may not be able to be pull down if the load current is not
high enough.
When Overcurrent Protection (OCP) is triggered, the internal minimum soft-start circuit determines the 50ms OCP
soft-start hiccup off-time.
5.5
Control Loops
The ISL81601 is a current-mode controller that can provide an output voltage above, equal to, or below the input
voltage. Referring to Figure 2 on page 2 (Typical Application circuit) and Figure 6 on page 7 (Block Diagram), the
Renesas proprietary control architecture uses a current sense resistor in series with the buck upper FET to sense the
inductor current in Buck or Boost mode. The inductor current is controlled by the voltage on the COMP pin, which
is the lowest output of the error amplifiers Gm1 - Gm4. As the simplest example, when the output is regulated to a
constant voltage, the FB_OUT pin receives the output feedback signal, which is compared to the internal reference
by Gm1. Lower output voltage creates higher COMP voltage which leads to higher PWM duty cycle to push more
current to the output. Conversely, higher output voltage creates lower COMP voltage which leads to lower PWM
duty cycle to reduce the current to the output.
The ISL81601 has four error amplifiers (Gm1-4) which can control output voltage (Gm1), input voltage (Gm2),
input current (Gm3), and output current (Gm4). In a typical application, the output voltage is regulated by Gm1,
and the remaining error amplifiers are monitoring for excessive input or output current or an input undervoltage
condition. In other applications, such as a battery charger, the output current regulator (Gm4) implements constant
current charging until a predetermined voltage is reached, at which point the output voltage regulator (Gm1) takes
control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com