Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL81601 Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # ISL81601
Description  60V Bidirectional 4-Switch Synchronous Buck-Boost Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL81601 Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button ISL81601 Datasheet HTML 39Page - Renesas Technology Corp ISL81601 Datasheet HTML 40Page - Renesas Technology Corp ISL81601 Datasheet HTML 41Page - Renesas Technology Corp ISL81601 Datasheet HTML 42Page - Renesas Technology Corp ISL81601 Datasheet HTML 43Page - Renesas Technology Corp ISL81601 Datasheet HTML 44Page - Renesas Technology Corp ISL81601 Datasheet HTML 45Page - Renesas Technology Corp ISL81601 Datasheet HTML 46Page - Renesas Technology Corp ISL81601 Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 54 page
background image
FN9299 Rev.3.1
Page 43 of 53
May 27, 2021
ISL81601
6. Protection Circuits
6.
Protection Circuits
The converter output and input are monitored and protected against overload, overvoltage, and undervoltage conditions.
6.1
Input Undervoltage Lockout
The ISL81601 includes input UVLO protection, which keeps the device in a reset condition until a proper
operating voltage is applied. UVLO protection shuts down the ISL81601 if the input voltage drops below 3.2V. The
controller is disabled when UVLO is asserted. When UVLO is asserted, PGOOD is valid and is deasserted. If the
input voltage rises above 3.5V, UVLO is deasserted to allow the start-up operation.
6.2
VCC5V Power-On Reset (POR)
The ISL81601 sets its VCC5V POR rising threshold at 4V and falling threshold at 3.5V when supplied by VIN.
EXTBIAS can kick in only after VCC5V reaches its POR rising threshold.
6.3
Overcurrent Protection (OCP)
6.3.1
Input and Output Average Overcurrent Protection
As described in “Input and Output Average Current Monitoring and Regulation Loops” on page 30, the
ISL81601 can regulate both input and output current with close loop control. This provides a constant current
type of overcurrent protection for both input and output average current. It can be set to a hiccup type of
protection by selecting a different value of the resistor connected between LG2/OC_MODE and GND.
The input and output constant or hiccup average OCP set points IINCC and IOUTCC can be calculated by
Equations 9 and 10 in Input and Output Average Current Monitoring and Regulation Loops.
The average OCP mode is set by a resistor connected from the LG2/OC_MODE pin to ground during the
initiation stage before soft-start. During the initiation stage, the LG2/OC_MODE pin sources out typical 10µA
current IMODELG2 to set the voltage on the pin. If the pin voltage is less than typical 0.3V, the OCP is set to
Constant Current-mode. Otherwise, the OCP is set to hiccup mode.
In hiccup OCP mode, after the average current is higher than the set point for 32 consecutive switching cycles
the converter turns off for 50ms before a restart-up is issued.
6.3.2
First Level Pulse-by-Pulse Peak Current Limit
As shown in Figure 45 on page 31 in Input and Output Average Current Monitoring and Regulation Loops, the
inductor peak current is sensed by the shunt resistor RS_IN and op amp A1. When the voltage drop on RS_IN
reaches the set point VOCSET-CS typical 82mV, Q1 is turned off in Buck mode or Q3 is turned off in Boost
mode. The first level peak current limit set point IOCPP1 can be calculated by Equation 19.
IOCPP1
VOCSET CS
–
RS_IN
----------------------------------
=
(EQ. 19)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com