Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL81601 Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # ISL81601
Description  60V Bidirectional 4-Switch Synchronous Buck-Boost Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL81601 Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button ISL81601 Datasheet HTML 22Page - Renesas Technology Corp ISL81601 Datasheet HTML 23Page - Renesas Technology Corp ISL81601 Datasheet HTML 24Page - Renesas Technology Corp ISL81601 Datasheet HTML 25Page - Renesas Technology Corp ISL81601 Datasheet HTML 26Page - Renesas Technology Corp ISL81601 Datasheet HTML 27Page - Renesas Technology Corp ISL81601 Datasheet HTML 28Page - Renesas Technology Corp ISL81601 Datasheet HTML 29Page - Renesas Technology Corp ISL81601 Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 54 page
background image
FN9299 Rev.3.1
Page 26 of 53
May 27, 2021
ISL81601
5. Functional Description
5.
Functional Description
5.1
General Description
The ISL81601 implements a complete buck-boost switching control with a PWM controller, internal drivers,
references, protection circuitry, current and voltage control inputs, and monitor outputs. Refer to Figure 6 on
page 7.
The ISL81601 is a current-mode controller. It uses a proprietary control algorithm to automatically switch between
Buck and Boost modes as necessary to maintain a steady output voltage with changing input voltages and dynamic
external loads. The controller integrates four control loops to regulate not only VOUT, but also average IOUT and IIN
for constant current control and VIN for reverse direction control.
The driver and protection circuits are also integrated to simplify the end design.
The part has an independent enable/disable control line, which provides a flexible power-up sequencing and a
simple VIN UVP implementation. The soft-start time is programmable by adjusting the soft-start capacitor
connected from SS/TRK.
5.2
Internal 8V Linear Regulator (VDD), External Bias Supply (EXTBIAS), and 5V
Linear Regulator (VCC5V)
The ISL81601 provides two input pins, VIN and EXTBIAS, and two internal LDOs for VDD gate driver supply. A
third LDO generates VCC5V from VDD. VCC5V provides power to all internal functional circuits other than the
gate drivers. Bypass the linear regulator’s outputs (VDD) with a 10µF capacitor to the power ground. Also bypass
the third linear regulator output (VCC5V) with a 10µF capacitor to the signal ground. VCC5V is monitored by a
power-on-reset circuit, which disables all regulators when VCC5V falls below 3.5V.
Both LDOs from VIN and EXTBIAS can source over 75mA for VDD to power the buck and boost gate drivers.
When driving large FETs at high switching frequency, little or no regulator current may be available for external
loads. The LDO from VDD to VCC5V can also source over 75mA to supply the IC internal circuit. Although the
current consumed by the internal circuit is low, the current supplied by VCC5V to the external loads is limited by
VDD. For example, a single large FET with 15nC total gate charge requires 15nC x 300kHz = 4.5mA
(15nC x 600kHz = 9mA).
Also, at higher input voltages with larger FETs, the power dissipation across the internal 8V LDO increases.
Excessive power dissipation across this regulator must be avoided to prevent junction temperature rise. Thermal
protection may be triggered if die temperature increases above +160°C due to excessive power dissipation.
When large MOSFETs or high input voltages are used, an external 8V bias voltage can be applied to the EXTBIAS
pin to alleviate excessive power dissipation. When the voltage at the EXTBIAS pin is higher than typical 7.38V, the
LDO from EXTBIAS activates and the LDO from VIN is disconnected. The recommended maximum voltage at
the EXTBIAS pin is 36V. For applications with VOUT significantly lower than VIN, EXTBIAS is usually back
biased by VOUT to reduce the LDO power loss. EXTBIAS is allowed to activate only after soft-start is finished to
avoid early activation during the VOUT rising stage. An external UVLO circuit might be necessary to ensure
smooth soft-starting. Renesas recommends adding a 10µF capacitor on the EXTBIAS pin and using a diode to
connect the EXTBIAS pin to VOUT to avoid the EXTBIAS pin voltage being pulled low at the VOUT short-circuit
condition.
The two VDD LDOs have an overcurrent limit for short-circuit protection. The VIN to VDD LDO current limit is
set to typical 120mA. The EXTBIAS to VDD LDO current limit is set to typical 160mA.
5.3
Enable (EN/UVLO) and Soft-Start Operation
Pulling the EN/UVLO pin high or low can enable or disable the controller. When the EN/UVLO pin voltage is
higher than 1.3V, the three LDOs are enabled. After the VCC5V reaches the POR threshold, the controller is
powered up to initialize its internal circuit. When EN/UVLO is higher than the 1.8V accurate UVLO threshold, the
ISL81601 soft-start circuitry becomes active. The internal 2µA charge current begins charging up the soft-start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com