Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL81601 Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # ISL81601
Description  60V Bidirectional 4-Switch Synchronous Buck-Boost Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL81601 Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button ISL81601 Datasheet HTML 34Page - Renesas Technology Corp ISL81601 Datasheet HTML 35Page - Renesas Technology Corp ISL81601 Datasheet HTML 36Page - Renesas Technology Corp ISL81601 Datasheet HTML 37Page - Renesas Technology Corp ISL81601 Datasheet HTML 38Page - Renesas Technology Corp ISL81601 Datasheet HTML 39Page - Renesas Technology Corp ISL81601 Datasheet HTML 40Page - Renesas Technology Corp ISL81601 Datasheet HTML 41Page - Renesas Technology Corp ISL81601 Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 54 page
background image
FN9299 Rev.3.1
Page 38 of 53
May 27, 2021
ISL81601
5. Functional Description
5.11
Frequency Synchronization and Dithering
The RT/SYNC pin can synchronize the ISL81601 to an external clock or the CLKOUT/DITHER pin of another
ISL81601. When the RT/SYNC pin is connected to the CLKOUT/DITHER pin of another ISL81601, the two
controllers operate in cascade synchronization with phase interleaving.
When the RT/SYNC pin is connected to an external clock, the ISL81601 synchronizes to this external clock
frequency. The frequency set by the RT resistor can be either lower or higher than, or equal to the external clock
frequency.
The CLKOUT/DITHER pin outputs a clock signal with approximately 300ns pulse width. The signal frequency is
the same as the frequency set by the resistor from the RT pin to ground or the external sync clock. The signal rising
edge phase angle to the rising edge of the internal clock or the external clock to the RT/SYNC pin can be set by the
voltage applied to the FB_IN and IMON_IN pins. The phase interleaving can be implemented by the cascade
connecting of the upper chip CLKOUT/DITHER pin to the lower chip RT/SYNC pin in a parallel system. Table 2
on page 38 shows the CLKOUT/DITHER phase settings with different FB_IN and IMON_IN pin voltages.
When the FB_IN is connected to 5V, the VIN feedback control loop is disabled. When IMON_IN is connected to
5V, the average input current control loop and input current hiccup OCP are disabled.
In multi-chip cascade parallel operation, the CLKOUT pin of the upstream chip is connected to the RT/SYNC pin
of the downstream chip. The BSTEN, FB_IN, SS/TRK, COMP, FB_OUT, IMON_OUT, OV, EN/UVLO,
IMON_IN, and CLKEN pins of all the paralleled chips should be tied together.
The CLKOUT/DITHER pin provides a dual function option. When a capacitor CDITHER is connected on
CLKOUT/DITHER pin, the internal circuit disables the CLKOUT function and enables the DITHER function.
When the CLKOUT/DITHER pin voltage is lower than 1.05V, a typical 8µA current source IDITHERSO charges the
capacitor on the pin. When the capacitor voltage is charged to more than 2.2V, a typical 10µA current source
IDITHERSI discharges the capacitor on the pin. A sawtooth voltage waveform shown in Figure 53 on page 39 is
generated on the CLKOUT/DITHER pin. The internal clock frequency is modulated by the sawtooth voltage on the
CLKOUT/DITHER pin. The clock frequency dither range is set to typically ±15% of the frequency set by the
resistor on RT/SYNC pin. The dither function is lost when the chip is synchronized to an external clock.
Table 2. CLKOUT Phase Shift vs FB_IN and IMON_IN Voltage
CLKOUT Phase Shift
120°
90°
60°
180°
FB_IN Voltage
Active
1
1
Active
IMON_IN Voltage
1Active
1
Active
Note: “1” means logic high 4.7V to 5V. “Active” means logic low 0V to 4.3V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com