Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL81601 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # ISL81601
Description  60V Bidirectional 4-Switch Synchronous Buck-Boost Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL81601 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button ISL81601 Datasheet HTML 29Page - Renesas Technology Corp ISL81601 Datasheet HTML 30Page - Renesas Technology Corp ISL81601 Datasheet HTML 31Page - Renesas Technology Corp ISL81601 Datasheet HTML 32Page - Renesas Technology Corp ISL81601 Datasheet HTML 33Page - Renesas Technology Corp ISL81601 Datasheet HTML 34Page - Renesas Technology Corp ISL81601 Datasheet HTML 35Page - Renesas Technology Corp ISL81601 Datasheet HTML 36Page - Renesas Technology Corp ISL81601 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 54 page
background image
FN9299 Rev.3.1
Page 33 of 53
May 27, 2021
ISL81601
5. Functional Description
In Buck mode, the Q1 duty cycle is given by:
DQ1 = VOUT / VIN x 100%
As VIN decreases to close to VOUT, DQ1 increases to close to its maximum value decided by its minimum
off-time. When DQ1 reaches its maximum value, the converter moves to Buck-Boost mode.
When VIN is much higher than VOUT, DQ1 decreases to close to its minimum duty cycle decided by its
minimum on-time. To allow stable loop operation and avoid duty cycle jitter, Renesas recommends keeping the
Q1 on-time always two to three times higher than the minimum on-time.
5.6.2
Boost Mode Operation (VIN < VOUT)
In Boost mode, the converter Q1 is always on and Q2 is always off unless boot refresh or inductor negative
peak current limit is tripped. Q3 and Q4 run in a normal valley current controlled sync boost operation mode.
Q3 turns off by the clock. During Q3 off-time, op amp A1 senses the inductor current by the voltage on RS_IN.
Q3 turns on when the sensed signal combined with the slope compensation ramp is lower than the COMP pin
voltage which is the error signal from the upper voltage or current regulator. The equivalent circuit and
operation waveforms are shown in Figure 49 on page 34.
Figure 48. Buck Mode Equivalent Circuit and Operation Waveforms
CLOCK
Q1
UG1
Q2
LG1
Q3
LG2
Q4
UG2
IL
0V
8V
Q1
VIN
VOUT
Q2
RS_IN
RS_OUT
L
UG1
LG1
PH1
PH2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com