Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL81601 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL81601
Description  60V Bidirectional 4-Switch Synchronous Buck-Boost Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL81601 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL81601 Datasheet HTML 9Page - Renesas Technology Corp ISL81601 Datasheet HTML 10Page - Renesas Technology Corp ISL81601 Datasheet HTML 11Page - Renesas Technology Corp ISL81601 Datasheet HTML 12Page - Renesas Technology Corp ISL81601 Datasheet HTML 13Page - Renesas Technology Corp ISL81601 Datasheet HTML 14Page - Renesas Technology Corp ISL81601 Datasheet HTML 15Page - Renesas Technology Corp ISL81601 Datasheet HTML 16Page - Renesas Technology Corp ISL81601 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
FN9299 Rev.3.1
Page 13 of 53
May 27, 2021
ISL81601
3. Specifications
3.
Specifications
3.1
Absolute Maximum Ratings
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions can
adversely impact product reliability and result in failures not covered by warranty.
3.2
Thermal Information
Notes:
4.
JA is measured in free air with the component mounted on a high-effective thermal conductivity test board with “direct attach”
features. See TB379.
5. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
Parameter
Minimum
Maximum
Unit
VCC5V, EN/UVLO, FB_IN to GND
-0.3
+5.9
V
VDD to GND
-0.3
+9
V
EXTBIAS to GND
-0.3
+40
V
VIN, CS+, CS-, ISEN+, ISEN- to GND
-0.3
+70
V
BOOT1, 2/UG1, 2 to PHASE1, 2
-0.3
VDD + 0.3
V
PHASE1, 2 to GND
-5 (<20ns)/
-0.3 (DC)
+70
V
FB_OUT, SS/TRK, COMP, RT/SYNC, PLL_COMP, CLKOUT/DITHER,
BSTEN, CLKEN, OV, PGOOD, IMON_IN, IMON_OUT to GND
-0.3
VCC5V + 0.3
V
LG1/PWM_MODE, LG2/OC_MODE to GND
-0.3
VDD + 0.3
V
CS+ to CS- and ISEN+ to ISEN-
-0.3
+0.3
V
VCC5V, VDD Short-Circuit to GND Duration
1
s
ESD Ratings
Value
Unit
Human Body Model (Tested per JS-001-2017)
2
kV
Machine Model (Tested per JESD22-A115C)
150
V
Charge Device Model (Tested per JS-002-2014)
1.5
kV
Latch-Up (Tested per JESD78E; Class II, Level A, +125°C (TJ))
100
mA
Thermal Resistance (Typical)
JA (°C/W)
JC (°C/W)
32 Ld QFN Package (Notes 4, 5)29
1.2
38 Ld HTSSOP Package (Notes 4, 5)29
2
Parameter
Minimum
Maximum
Unit
Junction Temperature
-55
+150
°C
Operating Temperature
-40
+125
°C
Storage Temperature Range
-65
+150
°C
Pb-Free Reflow Profile
see TB493



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com