Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL81601 Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # ISL81601
Description  60V Bidirectional 4-Switch Synchronous Buck-Boost Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL81601 Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button ISL81601 Datasheet HTML 23Page - Renesas Technology Corp ISL81601 Datasheet HTML 24Page - Renesas Technology Corp ISL81601 Datasheet HTML 25Page - Renesas Technology Corp ISL81601 Datasheet HTML 26Page - Renesas Technology Corp ISL81601 Datasheet HTML 27Page - Renesas Technology Corp ISL81601 Datasheet HTML 28Page - Renesas Technology Corp ISL81601 Datasheet HTML 29Page - Renesas Technology Corp ISL81601 Datasheet HTML 30Page - Renesas Technology Corp ISL81601 Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 54 page
background image
FN9299 Rev.3.1
Page 27 of 53
May 27, 2021
ISL81601
5. Functional Description
capacitor connected from the SS/TRK pin to GND. The voltage error amplifier reference voltage is clamped to the
voltage on the SS/TRK pin. The output voltage thus rises from 0V to regulation as SS/TRK rises from 0V to 0.8V.
Charging of the soft-start capacitor continues until the voltage on the SS/TRK pin reaches 3V.
Typical applications for ISL81601 use programmable analog soft-start or the SS/TRK pin for tracking. The soft-
start time can be set by the value of the soft-start capacitor connected from SS/TRK to GND. Inrush current during
start-up can be alleviated by adjusting the soft-starting time.
The typical soft-start time is set according to Equation 2:
When the soft-starting time set by external CSS or tracking is less than 1.7ms, an internal soft-start circuit of 1.7ms
takes over the soft-start.
PGOOD toggles to high when the output voltage is in regulation.
Pulling the EN/UVLO lower than the EN falling threshold VENSS_THF typical 0.9V, disables the PWM output and
internal LDOs to achieve low standby current. The SS/TRK pin is also discharged to GND by an internal MOSFET
with 70Ω rDS(ON). For applications with a larger than 1µF capacitor on the SS/TRK pin, Renesas recommends
adding a 100Ω to 1kΩ resistor in series with the capacitor to share the power loss at the discharge.
With use of the accurate UVLO threshold, an accurate VIN Undervoltage Protection (UVP) feature can be
implemented by feeding the VIN into the EN/UVLO pin using a voltage divider, RUV1 and RUV2, shown in
Figure 42.
Figure 42. VIN Undervoltage Protection
The VIN UVP rising threshold can be calculated by Equation 3.
where VUVLO_THR is the EN/UVLO pin UVLO rising threshold, typically 1.8V.
The VIN UVP falling threshold can be calculated by Equation 4.
where IUVLO_HYST is the UVLO hysteresis current, typically 4.2µA.
tSS
0.8V
CSS
2
A
-----------


=
(EQ. 2)
EN/UVLO
VIN
RUV1
RUV2
ISL81601
VUVRISE
VUVLO_THR RUV1 RUV2
+
 1.1x10 6
–
–
RUV1RUV2
RUV2
--------------------------------------------------------------------------------------------------------------------------------------------
=
(EQ. 3)
VUVFALL
VUVLO_THR RUV1 RUV2
+
 I
UVLO_HYST
–
RUV1RUV2
RUV2
--------------------------------------------------------------------------------------------------------------------------------------------------------
=
(EQ. 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com