Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL81601 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ISL81601
Description  60V Bidirectional 4-Switch Synchronous Buck-Boost Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL81601 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ISL81601 Datasheet HTML 8Page - Renesas Technology Corp ISL81601 Datasheet HTML 9Page - Renesas Technology Corp ISL81601 Datasheet HTML 10Page - Renesas Technology Corp ISL81601 Datasheet HTML 11Page - Renesas Technology Corp ISL81601 Datasheet HTML 12Page - Renesas Technology Corp ISL81601 Datasheet HTML 13Page - Renesas Technology Corp ISL81601 Datasheet HTML 14Page - Renesas Technology Corp ISL81601 Datasheet HTML 15Page - Renesas Technology Corp ISL81601 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 54 page
background image
FN9299 Rev.3.1
Page 12 of 53
May 27, 2021
ISL81601
2. Pin Information
27
1
VIN
Tie this pin to the input rail using a 5-10Ω resistor. It provides power to the internal LDO for VDD.
Decouple this pin with a small ceramic capacitor (10nF to 1µF) to ground.
28
2
CS+
Input current sense signal positive input pin.
29
3
CS-
Input current sense signal negative input pin.
30
5
EN/
UVLO
This pin provides enable/disable and accurate UVLO functions. The output is disabled when the pin
is pulled to ground. When the voltage on the pin reaches 1.3V, the VDD and VCC5V LDOs become
active. When the voltage on the pin reaches 1.8V, the PWM modulator is enabled. When the pin is
floating, it is enabled in default by internal pull-up.
31
6
IMON_IN
Input current monitor. The current from this pin is proportional to the differential voltage between the
CS+ and CS- pins. Connect a resistor and capacitor network between the pin and SGND to make
the pin voltage proportional to the average input current. When the pin voltage reaches 1.2V, the
internal average current limit loop reduces the output voltage to keep the input current constant
when constant current OCP mode is set or the converter shuts down when hiccup OCP mode is set.
When the input current monitor function is not used, tie this pin to VCC5V or SGND to set up the
phase shift for interleaving parallel operation.
32
7
CLKEN
DE mode burst operation off state enable signal. The pin is pulled up to 5V by an internal 250k
resistor in PWM and DE modes and burst mode on state. It is pulled low in Burst mode off state. The
pull-down MOSFET rDS(ON) resistance is about 4.5k. Connect this pin together in multi-chip parallel
operation application to sync all the chips together for the burst operation.
-11
SGND
EPAD
Small-signal ground common to all control circuitries. Route this pin separately from the high current
ground (PGND). SGND and PGND can be tied together if there is one solid ground plane with no
noisy currents around the chip. All voltage levels are measured with respect to this pin.
EPAD at ground potential. EPAD is connected to SGND internally. However, it is highly
recommended to solder it directly to the ground plane for better thermal performance and noise
immunity.
Pin #
(QFN)
Pin #
(HTSSOP)
Pin
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com