Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL81601 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # ISL81601
Description  60V Bidirectional 4-Switch Synchronous Buck-Boost Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL81601 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button ISL81601 Datasheet HTML 28Page - Renesas Technology Corp ISL81601 Datasheet HTML 29Page - Renesas Technology Corp ISL81601 Datasheet HTML 30Page - Renesas Technology Corp ISL81601 Datasheet HTML 31Page - Renesas Technology Corp ISL81601 Datasheet HTML 32Page - Renesas Technology Corp ISL81601 Datasheet HTML 33Page - Renesas Technology Corp ISL81601 Datasheet HTML 34Page - Renesas Technology Corp ISL81601 Datasheet HTML 35Page - Renesas Technology Corp ISL81601 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
FN9299 Rev.3.1
Page 32 of 53
May 27, 2021
ISL81601
5. Functional Description
5.6
Buck-Boost Conversion Topology and Control Algorithm
The ISL81601 uses the Renesas proprietary buck-boost control algorithm to achieve optimized power conversion
performance. The buck-boost topology is shown in Figure 46. The ISL81601 controls the four power switches Q1,
Q2, Q3, and Q4 to work in either Buck or Boost mode. When VIN is far lower than VOUT, the converter works in
Boost mode. When VIN is far higher than VOUT, the converter works in Buck mode. When VIN is equal or close to
VOUT, the converter alternates between Buck and Boost mode as necessary to provide a regulated output voltage,
which is called Buck-Boost mode. Figure 47 shows the relationship between the operation modes and VOUT - VIN.
RS_IN is a current sense resistor to sense the inductor current during Q1 on-time. As shown in the “Block Diagram”
on page 7, the sensed signal is fed into the CS+ and CS- pins and used for peak or valley current-mode control, DE
mode control, input average current monitor, constant current control, and protections.
RS_OUT is a current sense resistor to sense the inductor current during Q4 on-time. As shown in the Block Diagram,
the sensed signal is fed into the ISEN+ and ISEN- pins and used for negative peak inductor current limit, output
average current monitor, constant current control, and protections.
5.6.1
Buck Mode Operation (VIN > VOUT)
In Buck mode, Q4 is always on and Q3 is always off unless boot refresh or inductor negative peak current limit
is tripped. Q1 and Q2 runs in a normal peak current controlled sync buck operation mode. Q1 turns on by the
clock. During Q1 on-time, op amp A1 senses the inductor current by the voltage on RS_IN. Q1 turns off when
the sensed signal combined with the slope compensation ramp is higher than the COMP pin voltage which is
the error signal from the upper voltage or current regulator. The equivalent circuit and operation waveforms are
shown in Figure 48 on page 33.
Figure 46. Buck-Boost Topology
Figure 47. Operation Modes vs VOUT - VIN
Q1
Q3
VIN
VOUT
Q2
Q4
RS_IN
RS_OUT
L
UG1
LG1
UG2
LG2
PH1
PH2
0
Boost Mode
Buck/Boost Mode
Buck Mode
Q1 On, Q2 Off
Q3, Q4 PWM Switching
Q4 On, Q3 Off
Q1, Q2 PWM Switching
4-Switch PWM
Q3 Max Duty
Q3 Min Duty
Q2 Min Duty
Q2 Max Duty



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com