Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL81601 Datasheet(PDF) 42 Page - Renesas Technology Corp

Part # ISL81601
Description  60V Bidirectional 4-Switch Synchronous Buck-Boost Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL81601 Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button ISL81601 Datasheet HTML 38Page - Renesas Technology Corp ISL81601 Datasheet HTML 39Page - Renesas Technology Corp ISL81601 Datasheet HTML 40Page - Renesas Technology Corp ISL81601 Datasheet HTML 41Page - Renesas Technology Corp ISL81601 Datasheet HTML 42Page - Renesas Technology Corp ISL81601 Datasheet HTML 43Page - Renesas Technology Corp ISL81601 Datasheet HTML 44Page - Renesas Technology Corp ISL81601 Datasheet HTML 45Page - Renesas Technology Corp ISL81601 Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 54 page
background image
FN9299 Rev.3.1
Page 42 of 53
May 27, 2021
ISL81601
5. Functional Description
on the upper MOSFET, an action that boosts the 8V gate drive signal above VIN. The current required to drive the
upper MOSFET is drawn from the internal 8V regulator supplied from either VIN or EXTBIAS pin.
The BOOT to PHASE voltage is monitored internally. When the voltage drops to 5.95V at no switching condition,
a minimum off-time pulse is issued to turn off the upper MOSFET and turn on the low-side MOSFET to refresh the
bootstrap capacitor and maintain the upper driver bias voltage.
To optimize EMI performance or reduce phase node ringing, a small resistor can be placed between the BOOT pin
to the positive terminal of the bootstrap capacitor.
Figure 55. Upper Gate Driver Circuit
5.14
Power-Good Indicator
The power-good pin can monitor the status of the output voltage. PGOOD is true (open drain) 1.1ms after the
FB_OUT pin is within ±10% of the reference voltage.
There is no extra delay when the PGOOD pin is pulled LOW.
BOOT
UGATE
PHASE
VDD
VIN
ISL81601
CB
RBOOT
External
Schottky



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com