Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL81601 Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # ISL81601
Description  60V Bidirectional 4-Switch Synchronous Buck-Boost Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL81601 Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button ISL81601 Datasheet HTML 44Page - Renesas Technology Corp ISL81601 Datasheet HTML 45Page - Renesas Technology Corp ISL81601 Datasheet HTML 46Page - Renesas Technology Corp ISL81601 Datasheet HTML 47Page - Renesas Technology Corp ISL81601 Datasheet HTML 48Page - Renesas Technology Corp ISL81601 Datasheet HTML 49Page - Renesas Technology Corp ISL81601 Datasheet HTML 50Page - Renesas Technology Corp ISL81601 Datasheet HTML 51Page - Renesas Technology Corp ISL81601 Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 54 page
background image
FN9299 Rev.3.1
Page 48 of 53
May 27, 2021
ISL81601
8. Component Selection Guideline
8.2
Inductor Selection
The inductor is selected to meet the output voltage ripple requirements. The inductor value determines the
converter’s ripple current and the ripple voltage is a function of the ripple current and the output capacitor(s) ESR.
The ripple voltage expression is given in the capacitor selection section and the ripple current is approximated by
Equation 28 for Buck mode and Equation 29 for Boost mode.
The ripple current ratio is usually 30% to 70% of the inductor average current at the full output load condition.
8.3
Output Capacitor Selection
In general, select the output capacitors to meet the dynamic regulation requirements including ripple voltage and
load transients. Selection of output capacitors is also dependent on the inductor, so some inductor analysis is
required to select the output capacitors.
One of the parameters limiting the converter’s response to a load transient is the time required for the inductor
current to slew to its new level. The ISL81601 provides either 0% or maximum duty cycle in response to a load
transient.
The response time is the time interval required to slew the inductor current from an initial current value to the load
current level. During this interval, the difference between the inductor current and the transient current level must
be supplied by the output capacitor(s). The output capacitance can be minimized if faster loop compensation is
used. Also, if the load transient rise time is slower than the inductor response time, as in a hard drive or CD drive, it
reduces the requirement on the output capacitor.
The maximum capacitor value required to provide the full, rising step, transient load current during the response
time of the inductor is shown in Equation 30 for Buck mode and Equation 31 for Boost mode:
where COUT is the output capacitor(s) required, L is the inductor, ITRAN is the transient load current step, VIN is the
input voltage, VOUT is output voltage, and DVOUT is the drop in output voltage allowed during the load transient.
High frequency capacitors initially supply the transient current and slow the load rate of change seen by the bulk
capacitors. The bulk filter capacitor values are generally determined by the Equivalent Series Resistance (ESR) and
voltage rating requirements as well as actual capacitance requirements.
In Buck mode, the output voltage ripple is due to the inductor ripple current and the ESR of the output capacitors as
defined by Equation 32:
where
ILBuck is calculated in Equation 28.
I
LBuck
VIN VOUT
–
 V
OUT

fSW
 L
 V
IN

----------------------------------------------------------
=
(EQ. 28)
I
LBoost
VOUT VIN
–
 V
IN

fSW
 L
 V
OUT

----------------------------------------------------
=
(EQ. 29)
COUTBuck
L
 I
TRAN

2
2VIN VOUT
–
 DV
OUT

------------------------------------------------------------------
=
(EQ. 30)
COUTBoost
L
 V
OUT
 I
TRAN

2
2VIN
2
 DV
OUT

-------------------------------------------------------
=
(EQ. 31)
VRIPPLE
I
LBuck ESR

=
(EQ. 32)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com