Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL81601 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ISL81601
Description  60V Bidirectional 4-Switch Synchronous Buck-Boost Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL81601 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ISL81601 Datasheet HTML 2Page - Renesas Technology Corp ISL81601 Datasheet HTML 3Page - Renesas Technology Corp ISL81601 Datasheet HTML 4Page - Renesas Technology Corp ISL81601 Datasheet HTML 5Page - Renesas Technology Corp ISL81601 Datasheet HTML 6Page - Renesas Technology Corp ISL81601 Datasheet HTML 7Page - Renesas Technology Corp ISL81601 Datasheet HTML 8Page - Renesas Technology Corp ISL81601 Datasheet HTML 9Page - Renesas Technology Corp ISL81601 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
Figure 5. ISL81601EVAL2Z (VIN = 32V to 60V, VOUT = 48V, IOUT = 5A) Evaluation Board Schematic
VIN
VOUT
R25
62k
Q2
NMOS
C18
10n
C14
220p
C7 10u
R24
1Meg
C4
470uF/100V
Q4
NMOS
R12
3.48k
R9
2.7k
R8
169k
Q3
NMOS
C9
820p
D2
100v
C1
220u/100v
R5
3.48k
C16
47n
C13
1n
D3
4V7
R21
10
R11
10k
R4
41.2K
C17
10n
R17
1
C12
22n
D1
100v
R6
20k
R13
205k
L1
22uH
C21
10n
R7
20k
C10
33n
C20
10n
C8
10n
R3
154k
R19
1
C19
0.1u
C11
0.47u
R18
1
U1
ISL81601
BSTEN
8
FB_IN
9
VCC5V
10
SGND
11
RT/SYNC
12
PLL_COMP
13
CLKOUT/DITHER
14
SS/TRK
15
COMP
16
FB_OUT
17
IMON_OUT
18
OV
19
ISEN-
20
ISEN+
21
PGOOD
23
UG2
25
PHASE2
26
BOOT2
27
LG2/OC_MODE
29
VDD
30
PGND
31
LG1/PWM_MODE
32
BOOT1
34
PHASE1
35
UG1
36
EXTBIAS
38
VIN
1
CS+
2
CS-
3
EN_UVLO
5
IMON_IN
6
CLKEN
7
NC1
4
NC2
22
NC3
24
NC4
28
NC5
33
NC6
37
C22
47n
R15
5.1k
R10 44.2k
C6
10u
C2
1n
R14
1k
R20
5.1k
C15
470p
R23
0
R1 6m
D4
4V7
Q1
NMOS
R2
6m
C5
0.47u
R16
1
R22
2.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com