Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL81601 Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # ISL81601
Description  60V Bidirectional 4-Switch Synchronous Buck-Boost Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL81601 Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button ISL81601 Datasheet HTML 46Page - Renesas Technology Corp ISL81601 Datasheet HTML 47Page - Renesas Technology Corp ISL81601 Datasheet HTML 48Page - Renesas Technology Corp ISL81601 Datasheet HTML 49Page - Renesas Technology Corp ISL81601 Datasheet HTML 50Page - Renesas Technology Corp ISL81601 Datasheet HTML 51Page - Renesas Technology Corp ISL81601 Datasheet HTML 52Page - Renesas Technology Corp ISL81601 Datasheet HTML 53Page - Renesas Technology Corp ISL81601 Datasheet HTML 54Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 52 / 54 page
background image
FN9299 Rev.3.1
Page 52 of 53
May 27, 2021
ISL81601
10. Package Outline Drawings
10. Package Outline Drawings
For the most recent package outline drawing, see L32.5x5B.
L32.5x5B
32 Lead Quad Flat No-Lead Plastic Package
Rev 3, 5/10
located within the zone indicated. The pin #1 identifier may be
Unless otherwise specified, tolerance : Decimal ± 0.05
Tiebar shown (if present) is a non-functional feature.
The configuration of the pin #1 identifier is optional, but must be
between 0.15mm and 0.30mm from the terminal tip.
Dimension applies to the metallized terminal and is measured
Dimensions in (
) for Reference Only.
Dimensioning and tolerancing conform to AMSE Y14.5m-1994.
6.
either a mold or mark feature.
3.
5.
4.
2.
Dimensions are in millimeters.
1.
NOTES:
BOTTOM VIEW
DETAIL "X"
SIDE VIEW
TYPICAL RECOMMENDED LAND PATTERN
TOP VIEW
5.00
A
B
INDEX AREA
PIN 1
6
(4X)
0.15
32X 0.40 ± 0.10
4
A
32X 0.23
M
0.10
C
B
16
9
4X
0.50
28X
3.5
6
PIN #1 INDEX AREA
3 .30 ± 0 . 15
0 . 90 ± 0.1
BASE PLANE
SEE DETAIL "X"
SEATING PLANE
0.10 C
C
0.08 C
0 . 2 REF
C
0 . 05 MAX.
0 . 00 MIN.
5
(
3. 30 )
( 4. 80 TYP )
( 28X 0 . 5 )
(32X 0 . 23 )
( 32X 0 . 60)
+ 0.07
- 0.05
17
25
24
8
1
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com