Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL81601 Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # ISL81601
Description  60V Bidirectional 4-Switch Synchronous Buck-Boost Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL81601 Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button ISL81601 Datasheet HTML 26Page - Renesas Technology Corp ISL81601 Datasheet HTML 27Page - Renesas Technology Corp ISL81601 Datasheet HTML 28Page - Renesas Technology Corp ISL81601 Datasheet HTML 29Page - Renesas Technology Corp ISL81601 Datasheet HTML 30Page - Renesas Technology Corp ISL81601 Datasheet HTML 31Page - Renesas Technology Corp ISL81601 Datasheet HTML 32Page - Renesas Technology Corp ISL81601 Datasheet HTML 33Page - Renesas Technology Corp ISL81601 Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 54 page
background image
FN9299 Rev.3.1
Page 30 of 53
May 27, 2021
ISL81601
5. Functional Description
Figure 44. VIN Feedback Loop
FB_IN is a dual-function pin. It also sets the phase angle of the clock output signal on the CLKOUT/DITHER
pin, shown in Table 2 on page 38. The VIN feedback loop is disabled when the FB_IN pin voltage is below 0.3V
or above 4.7V. The VIN feedback loop is also disabled in DE mode and during soft-start.
5.5.3
Input and Output Average Current Monitoring and Regulation Loops
As shown in Figure 45 on page 31, the ISL81601 has two current sense operational amplifiers (op amps), A1
and A2, which monitor both input and output current. The voltage signals on the input and output current sense
resistor RS_IN and RS_OUT are sent to the differential inputs of CS+/CS- and ISEN+/ISEN-, respectively, after
the RC filters RS_IN1/CS_IN1, RS_IN2/CS_IN2, RS_OUT1/CS_OUT1, and RS_OUT2/CS_OUT2. Renesas recommends
using a 1Ω value for RS_IN1, RS_IN2, RS_OUT1, and RS_OUT2, and a 10nF value for CS_IN1, CS_IN2, CS_OUT1,
and CS_OUT2 to effectively damp the switching noise without delaying the current signal too much and
introducing too much error by the op amp bias current. The Gm op amps A1 and A2 then transfer the current
sense voltage signals to current signals ICS and IISEN.
where
•IIN is the input current in Q1 drain
•VCSOFFSET is the A1 input offset voltage
•GmCS is the gain of A1, typical 200µS
•VCSOFFSET GmCS = ICSOFFSET.
The typical value of ICSOFFSET is 19.5µA.
where
•IOUT is the output current in Q4 drain
•VISENOFFSET is the A2 input offset voltage
•GmISEN is the gain of A2, typical 200µS
•VISENOFFSET GmISEN = IISENOFFSET.
The typical value of IISENOFFSET is 20µA.
COMP
FB_IN
+
_
+
_
0.8V
REF
GM2
VIN
RFBIN1
RFBIN2
ICS
IIN
R
S_IN
VCSOFFSET
+
Gm
CS
=
(EQ. 7)
IISEN
IOUT
R
S_OUT
VISENOFFSET
+
Gm
ISEN
=
(EQ. 8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com