Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL81601 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # ISL81601
Description  60V Bidirectional 4-Switch Synchronous Buck-Boost Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL81601 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button ISL81601 Datasheet HTML 36Page - Renesas Technology Corp ISL81601 Datasheet HTML 37Page - Renesas Technology Corp ISL81601 Datasheet HTML 38Page - Renesas Technology Corp ISL81601 Datasheet HTML 39Page - Renesas Technology Corp ISL81601 Datasheet HTML 40Page - Renesas Technology Corp ISL81601 Datasheet HTML 41Page - Renesas Technology Corp ISL81601 Datasheet HTML 42Page - Renesas Technology Corp ISL81601 Datasheet HTML 43Page - Renesas Technology Corp ISL81601 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 54 page
background image
FN9299 Rev.3.1
Page 40 of 53
May 27, 2021
ISL81601
5. Functional Description
Figure 54 shows the connections between the two paralleled converters. Two external operational amplifiers (op
amps) are added for active current sharing in each converter. The first op amp, U2B in Converter 1 or U4B in
Converter 2, is a buffer to send the local output current signal from the IMON_OUT pin to the current sharing
circuit. The buffer output is connected to the iSh bus using R28 in Converter 1 and R61 in Converter 2 to create the
reference signal. The voltage on the iSh bus, ViSh, can be calculated using Equation 16.
where VIMON_OUT1 is the Converter 1 IMON_OUT pin voltage and VIMON_OUT2 is the Converter 2 IMON_OUT
pin voltage.
The second op amp, U2A in Converter 1 or U4A in Converter 2 is a differential op amp to feed the current error
signal to the IC FB_OUT pin. The differential input signal is equal to VIMON_OUT1 - ViSh for U2A and
Figure 54. ISL81601DEMO1Z Current Sharing Circuit
VIN
GND
VOUT
GND
C39
10u
R11
43.2k
C41
820p
C29
1n
R64
1M
R47
196k
R31
10k
R30
100k
J3
1
2
3
4
U4A
ISL28213
2
1
3
R3
1M
C40
10n
R1
1.5m
C27
100p
C37
10u
R19
100k
C11
1n
Q5
R43
43.2k
R50
499k
C21
100n
R29
1M
R54
1
R20
1
R58
10k
C14
820p
R56
1M
D3
S110FA
D5
S110FA
R6
43.2k
C16
0.47u
C47
10n
J4
1
2
3
4
D2
S110FA
R37
1.5m
C48
10n
C7
47n
C50
100n
R62
10k
R49
2.2
R46
15k
C38
1n
C36
0.47u
Q3
R10
43.2k
R55
8.45k
L2
15u
R57
10k
Q2
R48
2.7k
R39
43.2k
R4
62k
R15
196k
Q4
R41
1
R22
8.45k
D1
4V7
D6
S110FA
U2B
ISL28213
6
5
7
C34
47n
C51
100p
R40
1
C6
1n
R38
5.1k
C12
10u
R18
499k
R13
15k
R7
5.1k
D4
4V7
R9
1
C33
1n
L1
15u
Q6
C45
22n
Q7
Q1
C18
220p
R42
43.2k
R12
2.2
R8
1
R51
100k
R34
10
Q8
J1
1
2
3
4
R65
100k
R63
1M
C17
22n
R2
10
R27
10k
C2
1n
R53
1
C13
10n
C15
33n
R35
1M
U4B
ISL28213
6
5
7
R14
15k
R61
10k
C46
220p
R23
1M
C10
10u
R24
10k
U2A
ISL28213
2
1
3
U3
ISL81601
BSTEN
1
FB_IN
2
VCC5V
3
NC
4
RT/SYNC
5
PLL_COMP
6
CLKOUT/DITHER
7
SS/TRK
8
PHASE2
17
BOOT2
18
LG2/OC_MODE
19
VCC8V
20
PGND
21
LG1/PWM_MODE
22
BOOT1
23
PHASE1
24
J2
1
2
3
4
C20
10n
R45
15k
C19
10n
R21
1
C43
0.47u
C9
0.47u
R17
2.2
R28
10k
R44
2.2
U1
ISL81601
BSTEN
1
FB_IN
2
VCC5V
3
NC
4
RT/SYNC
5
PLL_COMP
6
CLKOUT/DITHER
7
SS/TRK
8
PHASE2
17
BOOT2
18
LG2/OC_MODE
19
VCC8V
20
PGND
21
LG1/PWM_MODE
22
BOOT1
23
PHASE1
24
R5
1.5m
R36
62k
C42
33n
R16
2.7k
R32
1M
R33
1.5m
vcc8-1
vcc8-1
vcc5-1
vcc5-1
comp
vcc8-1
VCC5-1
iSh
iSh
vcc8-2
vcc8-2
vcc5-2
VOUT
VCC5-2
VIN
en
vcc8-2
VIN
VOUT
bsten
vcc5-2
vcc5-1
clken
clken
besten
clk
ss
ss
en
en
clk
ov
ov
vcc5-2
(EQ. 16)
ViSh
VIMON_OUT1 VIMON_OUT2
+
 2
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com