Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL81601 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # ISL81601
Description  60V Bidirectional 4-Switch Synchronous Buck-Boost Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL81601 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button ISL81601 Datasheet HTML 15Page - Renesas Technology Corp ISL81601 Datasheet HTML 16Page - Renesas Technology Corp ISL81601 Datasheet HTML 17Page - Renesas Technology Corp ISL81601 Datasheet HTML 18Page - Renesas Technology Corp ISL81601 Datasheet HTML 19Page - Renesas Technology Corp ISL81601 Datasheet HTML 20Page - Renesas Technology Corp ISL81601 Datasheet HTML 21Page - Renesas Technology Corp ISL81601 Datasheet HTML 22Page - Renesas Technology Corp ISL81601 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 54 page
background image
FN9299 Rev.3.1
Page 19 of 53
May 27, 2021
ISL81601
3. Specifications
Input Constant and Hiccup Current
Limit Set Point
VIMONINCC
IMON_IN Pin Voltage
1.18
1.2
1.22
V
Input Constant and Hiccup Current
Limit Set Point at CS+/- Input
VAVOCP_CS
VCS+ - VCS-, 12V common-mode applied
to CS+/- pins, RIMON_IN = 40.2k,
TJ = -40°C to +125°C
35
52
74
mV
VCS+ - VCS-, 12V common-mode applied
to CS+/- pins, RIMON_IN = 40.2k,
TJ = -40°C to +85°C
35
52
71
mV
Output Constant and Hiccup Current
Limit Set Point
VIMONOUTCC
IMON_OUT Pin Voltage
1.18
1.2
1.22
V
Output Constant and Hiccup Current
Limit Set Point at ISEN+/- Input
VAVOCP_ISEN
VISEN+ - VISEN-, 12V common-mode
applied to ISEN+/- pins,
RIMON_OUT =40.2k, TJ = -40°C to +125°C
41
50
64
mV
VISEN+ - VISEN-, 12V common-mode
applied to ISEN+/- pins,
RIMON_OUT = 40.2k, TJ = -40°C to +85°C
41
50
61
mV
Hiccup OCP Off-Time
tHICC_OFF
50
ms
Over-Temperature
Over-Temperature Shutdown
TOT-TH
160
°C
Over-Temperature Hysteresis
TOT-HYS
15
°C
Notes:
6. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by
characterization and are not production tested.
7. This is the total shutdown current with VIN = 5.6V and 60V.
8. Operating current is the supply current consumed when the device is active but not switching. It does not include gate drive
current.
9. When soft-start time is less than 4.5ms, tPGR increases. With internal soft-start (the fastest soft-start time), tPGR increases close
to its max limit 5ms.
10. Compliance to datasheet limits is assured by one or more methods: production test, characterization, and/or design.
11. Threshold voltage at the PHASE1 pin for turning off the buck bottom MOSFET during DE mode.
12. Threshold voltage between the CS+ and CS- pins for turning off the boost top MOSFET during DE mode.
Recommended operating conditions unless otherwise noted. Refer to “Block Diagram” on page 7 and “Typical Application Schematics”
on page 5. VIN = 4.5V to 60V, or VDD = 8V ±10%, C_VCC5V = 4.7µF, TA = -40°C to +125°C, Typical values are at TA = +25°C, unless
otherwise specified. Boldface limits apply across the operating temperature range, -40°C to +125°C. (Continued)
Parameter
Symbol
Test Conditions
Min
(Note 6)Typ
Max
(Note 6)Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com