Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFSC Datasheet(PDF) 232 Page - Lattice Semiconductor

Part # LFSC
Description  LatticeSC/M Family Data Sheet
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFSC Datasheet(HTML) 232 Page - Lattice Semiconductor

Back Button LFSC Datasheet HTML 228Page - Lattice Semiconductor LFSC Datasheet HTML 229Page - Lattice Semiconductor LFSC Datasheet HTML 230Page - Lattice Semiconductor LFSC Datasheet HTML 231Page - Lattice Semiconductor LFSC Datasheet HTML 232Page - Lattice Semiconductor LFSC Datasheet HTML 233Page - Lattice Semiconductor LFSC Datasheet HTML 234Page - Lattice Semiconductor LFSC Datasheet HTML 235Page - Lattice Semiconductor LFSC Datasheet HTML 236Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 237 page
background image
January 2008
Data Sheet DS1004
© 2008 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal. All other brand
or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice.
www.latticesemi.com
6-1
DS 1004 Further Information_01.2
For Further Information
For further information about the flexiPCS see the LatticeSC/M Family flexiPCS Data Sheet available on the Lattice
Semiconductor website at www.latticesemi.com.
A variety of technical notes for the LatticeSC/M family are also available on the Lattice Semiconductor website at
www.latticesemi.com.
• LatticeSC PURESPEED I/O Usage Guide (TN1088)
• LatticeSC PURESPEED I/O Adaptive Input Logic User Guide (TN1158)
• LatticeSC sysCLOCK and PLL/DLL User’s Guide (TN1098)
• On-Chip Memory Usage Guide for LatticeSC Devices (TN1094)
• LatticeSC DDR/DDR2 SDRAM Memory Interface User’s Guide (TN1099)
• LatticeSC QDRII/QDRII+ SRAM Memory Interface User’s Guide (TN1096)
• LatticeSC sysCONFIG Usage Guide (TN1080)
• LatticeSC MPI/System Bus (TN1085)
• SPI Serial Flash Programming Using ispJTAG in LaticeSC Devices (TN1100)
• Power Estimation and Management for LatticeSC Devices (TN1101)
• LatticeSC SERDES Jitter (TN1084)
• LatticeSC FPGAs: Implementing 3.3V Interfaces in 2.5V VCCIO Banks (TN1110)
• Lattice PCI Express Demo User Guide (TN1123)
• LatticeSC flexiPCS/SERDES Design Guide (TN1145)
• Temperature Sensing Diode in LatticeSC Devices (TN1115)
• SPI4.2 Interoperability with ORSPI4 in LatticeSC Devices (TN1116)
• LatticeSC/M Hold Time Optimization (TN1117)
For further information on Interface standards refer to the following websites:
• JEDEC Standards (LVTTL, LVCMOS, SSTL, HSTL): www.jedec.org
• Hyper Transport: www.hypertransport.org
• Optical Interface (SPI-4.2, XSBI, CSIX and XGMII): www.oiforum.com
• RAPIDIO: www.rapidio.org
• PCI/PCIX: ww.pcisig.com
LatticeSC/M Family Data Sheet
Supplemental Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com