Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFSC Datasheet(PDF) 236 Page - Lattice Semiconductor

Part # LFSC
Description  LatticeSC/M Family Data Sheet
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFSC Datasheet(HTML) 236 Page - Lattice Semiconductor

Back Button LFSC Datasheet HTML 229Page - Lattice Semiconductor LFSC Datasheet HTML 230Page - Lattice Semiconductor LFSC Datasheet HTML 231Page - Lattice Semiconductor LFSC Datasheet HTML 232Page - Lattice Semiconductor LFSC Datasheet HTML 233Page - Lattice Semiconductor LFSC Datasheet HTML 234Page - Lattice Semiconductor LFSC Datasheet HTML 235Page - Lattice Semiconductor LFSC Datasheet HTML 236Page - Lattice Semiconductor LFSC Datasheet HTML 237Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 236 / 237 page
background image
7-4
Revision History
Lattice Semiconductor
LatticeSC/M Family Data Sheet
March 2007
(cont.)
01.5
(cont.)
DC and Switching
Characteristics (cont.)
Updated LatticeSC Internal Timing Parameters with ispLEVER 6.1 SP1
results.
Updated tFDEL and tCDEL specifications.
Updated LatticeSC Family Timing Adders with ispLEVER 6.1 SP1
results.
Updated PLL specifications to expand frequency range down to 2 MHz
and break out jitter for the different ranges.
Added footnote to sysCLOCK PLL Timing table specifying the condi-
tions for the jitter measurements.
Added tDLL specification to sysCLOCK DLL Timing table.
Added footnote to sysCLOCK DLL Timing table specifying the condi-
tions for the jitter measurements.
Added sysCONFIG Master Parallel Configuration Mode and sysCON-
FIG SPI Port to LatticeSC sysCONFIG Port Timing table.
Pin Information
Updated Pin Information Summary with SC40 information.
Updated LFSC25 Logic Signal Connections: FF1020 with SC40 infor-
mation.
Updated LFSC80 Logic Signal Connections: FC1152 with SC40 infor-
mation.
August 2007
01.6
General
Changed references of "HDC" to "HDC/SI".
Changed references of "LDCN" to "LDCN/SCS".
Changed references of "BUSYN/RCLK" to "BUSYN/RCLK/SCK".
Changed references of "RDCFGN" to "TSALLN".
Changed references of "TDO/RDDATA" to "TDO".
Architecture
Updated text in Ripple Mode section.
Added information to Global Set/Reset.
Added information for Spread Spectrum Clocking
Modified information for PLL/DLL Cascading. DLL to PLL is now sup-
ported.
Modified AIL Block text and figure.
Modified Figure 2-20 DDR/Shift Register Block.
Added Information to Hot Socketing.
Added new information for I/O Architecture Rules.
Added information to SERDES Power Supply Sequencing Require-
ments.
DC and Switching
Characteristics
Added footnote to Hot Socketing Specifications table.
Modified Initialization and Standby Supply Current table.
Modified GSR Timing table.
Modified sysCLOCK DLL Timing table to include IDUTY.
Deleted Readback Timing information from sysCONFIG Port Timing
table.
Modified data in External Switching Characteristics table.
Pin Information
Added information to the Signal Descriptions table for HDC/SI, LDCN/
SCS.
Added footnote to Signal Descriptions table.
Modified Description for signal BUSYN/RCLK/SCK.
Modified data in Pin Information Summary and device-specific Pinout
Information tables.
Date
Version
Section
Change Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com