Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFSC Datasheet(PDF) 237 Page - Lattice Semiconductor

Part # LFSC
Description  LatticeSC/M Family Data Sheet
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFSC Datasheet(HTML) 237 Page - Lattice Semiconductor

Back Button LFSC Datasheet HTML 229Page - Lattice Semiconductor LFSC Datasheet HTML 230Page - Lattice Semiconductor LFSC Datasheet HTML 231Page - Lattice Semiconductor LFSC Datasheet HTML 232Page - Lattice Semiconductor LFSC Datasheet HTML 233Page - Lattice Semiconductor LFSC Datasheet HTML 234Page - Lattice Semiconductor LFSC Datasheet HTML 235Page - Lattice Semiconductor LFSC Datasheet HTML 236Page - Lattice Semiconductor LFSC Datasheet HTML 237Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 237 / 237 page
background image
7-5
Revision History
Lattice Semiconductor
LatticeSC/M Family Data Sheet
September 2007
01.7
Pinout Information
Added Thermal Management text section.
Supplemental
Information
Updated title list.
November 2007
01.8
Ordering Information
Removed -7 speed grade information for 115K LUT devices in the
Ordering Information tables.
January 2008
01.9
Introduction
Corrections/Additions to memory controller list (Tables 1-2).
Architecture
AIL Overview – Modified power used by AIL block.
PURESPEED I/O Buffer Banks – Modified VTT termination info. Added
info about complimentary drivers for all banks.
Supported Source Synchronous Interfaces – Modified data for DDRII in
Table 2-11.
DC and Switching
Characteristics
Recommended Operating Conditions – Changed footnote 3.
Initialization and Standby Supply Current – Inserted a paragraph with
info regarding the table. Also updated the table.
Typical Building Block Function Performance – Added
VCC=1.2V=1.2V+/-5% above Pin to Pin Performance table.
LatticeSC External Switching Characteristics – Added
VCC=1.2V=1.2V+/-5% above table. Reworded footnote 3.
LatticeSC Family Timing Adders – Added VCC=1.2V=1.2V+/-5% above
table.
LatticeSC Internal Timing Parameters – Added VCC=1.2V=1.2V+/-5%
above table. Reworded footnote 1.
GSR Timing – Added a new table for Internal System Bus Timing after
GSR Timing.
LatticeSC sysCONFIG Port Timing – Corrected sysCONFIG SPI Port
information.
Pinout Information
Signal Descriptions – Modified info for VTT_x, PROBE_VCC, and
PROBE_GND. Modified info for [LOC]_DLL[T,C]_IN[C,D,E,F].
Supplemental
Information
Updated list of technical notes, added reference to LatticeSC/M
flexiPCS Data Sheet.
March 2008
02.0
DC and Switching
Characteristics
Updated Internal Timing Parameters table.
Updated Read Mode timing diagram.
Updated Read Mode with Input Registers Only timing diagram.
June 2008
02.1
—
Data sheet status changed from preliminary to final.
Architecture
Removed Read-Before-Write sysMEM EBR mode.
DC and Switching
Characteristics
Updated LatticeSC/M External Switching Characteristics table.
Updated LatticeSC/M Internal Timing Parameters table.
Removed Read-Before-Write sysMEM EBR mode.
Date
Version
Section
Change Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com