Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 377 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 377 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 373Page - Renesas Technology Corp M16C/29 Datasheet HTML 374Page - Renesas Technology Corp M16C/29 Datasheet HTML 375Page - Renesas Technology Corp M16C/29 Datasheet HTML 376Page - Renesas Technology Corp M16C/29 Datasheet HTML 377Page - Renesas Technology Corp M16C/29 Datasheet HTML 378Page - Renesas Technology Corp M16C/29 Datasheet HTML 379Page - Renesas Technology Corp M16C/29 Datasheet HTML 380Page - Renesas Technology Corp M16C/29 Datasheet HTML 381Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 377 / 499 page
background image
20. Flash Memory Version
p
u
o
r
G
9
2
/
C
6
1
M
page 353
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 20.14 Full Status Check and Handling Procedure for Each Error
Full status check
FMR06 =1
and
FMR07=1?
NO
Command
sequence error
YES
FMR07=
0?
YES
Erase error
NO
(1) Execute the clear status register command and set
the status flag to 0 whether the command is
entered.
(2) Execute the command again after checking that the
correct command is entered or the program
command or the block erase command is not
executed on the protected blocks.
(1) Execute the clear status register command and set
the erase status flag to 0.
(2) Execute the block erase command again.
(3) Execute (1) and (2) at least 3 times until an erase
error does not occur.
Note 3: If bits FMR06 or FMR07 is 1, any of the program or block erase command cannot be
accepted. Execute the clear status register command before executing those commands.
FMR06=
0?
YES
Program error
NO
Full status check completed
Note 1: If the error still occurs, the block can not be
used.
(1) Execute the clear status register command and set
the program status flag to 0.
(2) Execute the program command again.
Note 2: If the error still occurs, the block can not be
used.
[During programming]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com