Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 375 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 375 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 371Page - Renesas Technology Corp M16C/29 Datasheet HTML 372Page - Renesas Technology Corp M16C/29 Datasheet HTML 373Page - Renesas Technology Corp M16C/29 Datasheet HTML 374Page - Renesas Technology Corp M16C/29 Datasheet HTML 375Page - Renesas Technology Corp M16C/29 Datasheet HTML 376Page - Renesas Technology Corp M16C/29 Datasheet HTML 377Page - Renesas Technology Corp M16C/29 Datasheet HTML 378Page - Renesas Technology Corp M16C/29 Datasheet HTML 379Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 375 / 499 page
background image
20. Flash Memory Version
p
u
o
r
G
9
2
/
C
6
1
M
page 351
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
20.8 Status Register
The status register indicates the operating status of the flash memory and whether or not erase or pro-
gram operation is successfully completed. Bits FMR00, FMR06, and FMR07 in the FMR0 register indi-
cate the status of the status register.
Table 20.6
lists the status register.
In EW mode 0, the status register can be read in the following cases:
(1) Any even address in the user ROM area is read after writing the read status register command
(2) Any even address in the user ROM area is read from when the program or block erase command is
executed until when the read array command is executed.
20.8.1 Sequence Status (SR7 and FMR00 Bits )
The sequence status indicates the flash memory operating status. It is set to 0 (busy) while the auto-
program and auto-erase operation is being executed and 1 (ready) as soon as these operations are
completed. This bit indicates 0 (busy) in erase-suspend mode.
20.8.2 Erase Status (SR5 and FMR07 Bits)
Refer to 20.8.4 Full Status Check.
20.8.3 Program Status (SR4 and FMR06 Bits)
Refer to 20.8.4 Full Status Check.
Table 20.6 Status Register
• D7 to D0: Indicates the data bus which is read out when executing the read status register command.
• The FMR07 bit (SR5) and FMR06 bit (SR4) are set to 0 by executing the clear status register command.
• When the FMR07 bit (SR5) or FMR06 bit (SR4) is set to 1, the program and block erase command are not accepted.
Bits in the
SRD Register
SR4 (D4)
SR5 (D5)
SR7 (D7)
SR6 (D6)
Status
Name
Contents
SR1 (D1)
SR2 (D2)
SR3 (D3)
SR0 (D0)
Program status
Erase status
Sequence status
Reserved
Reserved
Reserved
Reserved
1
Ready
Terminated by error
Terminated by error
-
-
-
-
-
0
Busy
Completed normally
Completed normally
-
-
-
-
-
Reserved
Bits in the
FMR0
Register
FMR00
FMR07
FMR06
Value
After
Reset
1
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com