Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 374 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 374 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 370Page - Renesas Technology Corp M16C/29 Datasheet HTML 371Page - Renesas Technology Corp M16C/29 Datasheet HTML 372Page - Renesas Technology Corp M16C/29 Datasheet HTML 373Page - Renesas Technology Corp M16C/29 Datasheet HTML 374Page - Renesas Technology Corp M16C/29 Datasheet HTML 375Page - Renesas Technology Corp M16C/29 Datasheet HTML 376Page - Renesas Technology Corp M16C/29 Datasheet HTML 377Page - Renesas Technology Corp M16C/29 Datasheet HTML 378Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 374 / 499 page
background image
20. Flash Memory Version
p
u
o
r
G
9
2
/
C
6
1
M
page 350
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 20.13 Block Erase Command (at use erase suspend)
NOTES:
1. Write the command code and data to even address.
2. Execute the clear status register command and block erase command at least 3 times until an
erase error is not generated when an erase error is generated.
3. In EW mode 0, allocate an interrupt vector table of an interrupt, to be used, to the RAM area
4. Refer to Figure 20.14.
Start
Block erase completed
Write the command code
xx2016 (1)
Write xxD016 to the highest-order
block address (1)
YES
NO
FMR00=1?
Full status check (2,4)
FMR40=1
Interrupt service routine(3)
FMR41=1
YES
NO
FMR46=1?
Access Flash Memory
Return
(Interrupt service routine end)
FMR41=0
(EW mode 0)
(EW mode 1)
Start
Block erase completed
Write the command code
xx2016 (1)
Write xxD016 to the highest-order
block address (1)
YES
NO
FMR00=1?
Full status check (2,4)
FMR40=1
FMR41=0
Interrupt service routine
Access Flash Memory
Return
(Interrupt service routine end)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com