Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 371 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 371 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 367Page - Renesas Technology Corp M16C/29 Datasheet HTML 368Page - Renesas Technology Corp M16C/29 Datasheet HTML 369Page - Renesas Technology Corp M16C/29 Datasheet HTML 370Page - Renesas Technology Corp M16C/29 Datasheet HTML 371Page - Renesas Technology Corp M16C/29 Datasheet HTML 372Page - Renesas Technology Corp M16C/29 Datasheet HTML 373Page - Renesas Technology Corp M16C/29 Datasheet HTML 374Page - Renesas Technology Corp M16C/29 Datasheet HTML 375Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 371 / 499 page
background image
20. Flash Memory Version
p
u
o
r
G
9
2
/
C
6
1
M
page 347
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Command
Program
Clear status register
Read array
Read status register
First bus cycle
Second bus cycle
Block erase
Write
Write
Write
Write
Write
Mode
Read
Write
Write
Mode
X
WA
BA
Address
SRD
WD
xxD016
Data
(D15 to D0)
xxFF16
xx7016
xx5016
xx4016
xx2016
Data
(D15 to D0)
X
X
X
WA
X
Address
SRD: Status register data (D7 to D0)
WA : Write address (However,even address)
WD : Write data (16 bits)
BA : Highest-order block address (However,even address)
X : Any even address in the user ROM area
xx : 8 high-order bits of command code (ignored)
20.7 Software Commands
Read or write 16-bit commands and data from or to even addresses in the user ROM area. When writing a
command code, 8 high-order bits (D15–D8) are ignored.
Table 20.5 Software Commands
20.7.1 Read Array Command (FF16)
The read array command reads the flash memory.
Read array mode is entered by writing command code xxFF16 in the first bus cycle. Content of a speci-
fied address can be read in 16-bit unit after the next bus cycle. The MCU remains in read array mode until
an another command is written. Therefore, contents of multiple addresses can be read consecutively.
20.7.2 Read Status Register Command (7016)
The read status register command reads the status register.
By writing command code xx7016 in the first bus cycle, the status register can be read in the second bus
cycle (Refer to 20.8 Status Register). Read an even address in the user ROM area. Do not execute this
command in EW mode 1.
20.7.3 Clear Status Register Command (5016)
The clear status register command clears the status register to 0.
By writing xx5016 in the first bus cycle, and bits FMR06 to FMR07 in the FMR0 register and bits SR4 to
SR5 in the status register are set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com