Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 368 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 368 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 364Page - Renesas Technology Corp M16C/29 Datasheet HTML 365Page - Renesas Technology Corp M16C/29 Datasheet HTML 366Page - Renesas Technology Corp M16C/29 Datasheet HTML 367Page - Renesas Technology Corp M16C/29 Datasheet HTML 368Page - Renesas Technology Corp M16C/29 Datasheet HTML 369Page - Renesas Technology Corp M16C/29 Datasheet HTML 370Page - Renesas Technology Corp M16C/29 Datasheet HTML 371Page - Renesas Technology Corp M16C/29 Datasheet HTML 372Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 368 / 499 page
background image
20. Flash Memory Version
p
u
o
r
G
9
2
/
C
6
1
M
page 344
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 20.10 Processing Before and After Low Power Dissipation Mode
Start main clock
oscillation
Transfer a low power internal consumption mode
program to RAM area
Switch the clock source of CPU clock.
Turn main clock off (2)
Jump to the low power consumption mode
program transferred to internal RAM area.
(In the following steps, use the low-power
consumption mode program or internal RAM area)
Wait until the flash memory circuit stabilizes (tps) (3)
Set the FMSTP bit to 0 (flash memory operation)
Set the FMSTP bit to 1 (flash memory stopped.
Low power consumption state)(1)
Process of low power consumption mode or
on-chip oscillator low power consumption mode
switch the clock source of the CPU clock (2)
Low power consumption
mode program
Set the FMR01 bit to 0
(CPU rewrite mode disabled)
Set the FMR01 bit to 1 after setting 0 (CPU
rewrite mode enabled) (2)
Jump to a desired address in the flash memory
wait until oscillation stabilizes
NOTES:
1. Set the FMRSTP bit to 1 after setting the FMR01 bit to 1 (CPU rewrite mode).
2. Wait until the clock stabilizes to switch the clock source of the CPU clock to the main clock or the sub clock.
3. Add a tps wait time by a program. Do not access the flash memory during this wait time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com