Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 366 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 366 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 362Page - Renesas Technology Corp M16C/29 Datasheet HTML 363Page - Renesas Technology Corp M16C/29 Datasheet HTML 364Page - Renesas Technology Corp M16C/29 Datasheet HTML 365Page - Renesas Technology Corp M16C/29 Datasheet HTML 366Page - Renesas Technology Corp M16C/29 Datasheet HTML 367Page - Renesas Technology Corp M16C/29 Datasheet HTML 368Page - Renesas Technology Corp M16C/29 Datasheet HTML 369Page - Renesas Technology Corp M16C/29 Datasheet HTML 370Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 366 / 499 page
background image
20. Flash Memory Version
p
u
o
r
G
9
2
/
C
6
1
M
page 342
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 20.7 FMR4 Register
Flash Memory Control Register 4
Symbol
Address
After Reset
FMR4
01B316
010000002
b7 b6 b5 b4 b3 b2 b1 b0
Bit Symbol
Bit Name
Function
Erase suspend
request bit (2)
0: Erase restart
1: Suspend request
FMR41
0
Reserved bit
Set to 0
Erase suspend function
enable bit (1)
0: Disabled
1: Enabled
Reserved bit
Set to 0
0
0
RW
RW
RW
RO
RW
FMR40
(b5-b2)
(b7)
RO
FMR46
00
Erase status
0: During auto-erase operation
1: Auto-erase stop
(erase suspend mode)
NOTES:
1. Set the FMR40 bit to 1 immediately after setting it first to 0. Do not generate any interrupt or DMA
transfer between setting the bit to 0 and setting it to 1. Set by program in space other than the flash
memory in EW mode 0.
2. The FMR41 bit is valid only when the FMR40 bit is set to 1. The FMR41 bit can be written only
between executing an erase command and completing erase (this bit is set to 0 other than the
above duration). The FMR41 bit can be set to 0 or 1 by program in EW mode 0. In EW mode 1, the
FMR41 bit is automatically set to 1 when the FMR40 bit is 1 and a maskable interrupt is generated
during erasing. The FMR41 bit cannot be set to 1 by program (it can be set to 0 by program).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com