Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 363 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 363 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 359Page - Renesas Technology Corp M16C/29 Datasheet HTML 360Page - Renesas Technology Corp M16C/29 Datasheet HTML 361Page - Renesas Technology Corp M16C/29 Datasheet HTML 362Page - Renesas Technology Corp M16C/29 Datasheet HTML 363Page - Renesas Technology Corp M16C/29 Datasheet HTML 364Page - Renesas Technology Corp M16C/29 Datasheet HTML 365Page - Renesas Technology Corp M16C/29 Datasheet HTML 366Page - Renesas Technology Corp M16C/29 Datasheet HTML 367Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 363 / 499 page
background image
20. Flash Memory Version
p
u
o
r
G
9
2
/
C
6
1
M
page 339
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
20.5 Register Description
Figure 20.6
shows the flash memory control register 0 and flash memory control register 1. Figure 20.7
shows the flash memory control register 4.
20.5.1 Flash Memory Control Register 0 (FMR0)
•FMR 00 Bit
The FMR00 bit indicates the operating state of the flash memory. Its value is 0 while the program,
erase, or erase-suspend command is being executed, otherwise, it is 1.
•FMR01 Bit
The MCU can accept commands when the FMR01 bit is set to 1 (CPU rewrite mode). To set the
FMR01 bit to 1, first set it to 0 and then 1. The FMR01 bit is set to 0 only by writing 0.
•FMR02 Bit
The combined settings of bits FMR02 and FMR16 enable program and erase in the user ROM area.
See Table 20.4 for setting details. To set the FMR02 bit to 1, first set it to 0 and then 1. The FMR02
bit is valid only when the FMR01 bit is set to 1 (CPU rewrite mode enable).
•FMSTP Bit
The FMSTP bit initializes the flash memory control circuits and minimizes power consumption in the
flash memory. Access to the on-chip flash memory is disabled when the FMSTP bit is set to 1. Set the
FMSTP bit by program in a space other than the flash memory.
Set the FMSTP bit to 1 if one of the following occurs:
•A flash memory access error occurs during erasing or programming in EW mode 0 (FMR00 bit does
not switch back to 1 (ready)).
•Low-power consumption mode or on-chip oscillator low-power consumption mode is entered.
Figure 20.10
shows a flow chart illustrating how to start and stop the flash memory before and after
entering low power mode. Follow the procedure in this flow chart.
When entering stop or wait mode while the CPU rewrite mode is disabled, do not set the FMR0
register because the on-chip flash memory is automatically turned off and turned back on when
exiting.
•FMR06 Bit
The FMR06 bit is a read-only bit indicating an auto-program operation state. The FMR06 bit is set to
1 when a program error occurs; otherwise, it is set to 0. For details, refer to 20.8.4 Full Status Check.
•FMR07 Bit
The FMR07 bit is a read-only bit indicating an auto-erase operation status. The FMR07 bit is set to 1
when an erase error occurs; otherwise, it is set to 0. For details, refer to 20.8.4 Full Status Check.
Figure 20.8
shows a EW mode 0 set/reset flowchart, Figure 20.9 shows a EW mode 1 set/reset flow-
chart.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com