Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 362 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 362 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 358Page - Renesas Technology Corp M16C/29 Datasheet HTML 359Page - Renesas Technology Corp M16C/29 Datasheet HTML 360Page - Renesas Technology Corp M16C/29 Datasheet HTML 361Page - Renesas Technology Corp M16C/29 Datasheet HTML 362Page - Renesas Technology Corp M16C/29 Datasheet HTML 363Page - Renesas Technology Corp M16C/29 Datasheet HTML 364Page - Renesas Technology Corp M16C/29 Datasheet HTML 365Page - Renesas Technology Corp M16C/29 Datasheet HTML 366Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 362 / 499 page
background image
20. Flash Memory Version
p
u
o
r
G
9
2
/
C
6
1
M
page 338
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
20.4.1 EW Mode 0
The MCU enters CPU rewrite mode by setting the FMR01 bit in the FMR0 register to 1 (CPU rewrite mode
enabled) and is ready to accept software commands. EW mode 0 is selected by setting the FMR11 bit in
the FMR1 register to 0.
To set the FMR01 bit to 1, set to 1 after first writing 0. The software commands control programming and
erasing. The FMR0 register or the status register indicates whether a programming or erasing operations
is completed.
When entering the erase-suspend during the auto-erasing, set the FMR40 bit to 1 (erase-suspend en-
abled) and the FMR41 bit to 1 (suspend request). After waiting for td(SR-ES) and verifying the FMR46 bit
is set to 1 (auto-erase stop), access to the user ROM area. When setting the FMR41 bit to 0 (erase
restart), auto-erasing is restarted.
20.4.2 EW Mode 1
EW mode 1 is selected by setting the FMR11 bit to 1 after the FMR01 bit is set to 1 (set to 1 after first
writing 0).
The FMR0 register indicates whether or not a programming or an erasing operation is completed. Read
status register cannot be read in EW mode 1.
When an erase/program command is initiated, the CPU halts all program execution until the command
operation is completed or erase-suspend request is generated.
When enabling an erase-suspend function, set the FMR40 bit to 1 (erase suspend enabled) and execute
block erase commands. Also, the interrupt to transfer to erase-suspend must be set enabled preliminar-
ily. When entering erase-suspend after td(SR-ES) from an interrupt is requested, interrupts can be ac-
cepted.
When an interrupt request is generated, the FMR41 bit is automatically set to 1 (suspend request) and an
auto-erasing is suspended. If an auto-erasing has not completed (when the FMR00 bit is 0) after an
interrupt process is completed, set the FMR41 bit to 0 (erase restart) and execute block erase commands
again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com