Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 358 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 358 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 354Page - Renesas Technology Corp M16C/29 Datasheet HTML 355Page - Renesas Technology Corp M16C/29 Datasheet HTML 356Page - Renesas Technology Corp M16C/29 Datasheet HTML 357Page - Renesas Technology Corp M16C/29 Datasheet HTML 358Page - Renesas Technology Corp M16C/29 Datasheet HTML 359Page - Renesas Technology Corp M16C/29 Datasheet HTML 360Page - Renesas Technology Corp M16C/29 Datasheet HTML 361Page - Renesas Technology Corp M16C/29 Datasheet HTML 362Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 358 / 499 page
background image
20. Flash Memory Version
p
u
o
r
G
9
2
/
C
6
1
M
page 334
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
00FFFF16
Block B :2K bytes(2)
00F00016
4K bytes (Note 4)
0FF00016
0FFFFF16
Boot ROM area
0FE00016
0FC00016
0FDFFF16
0F800016
Block 2 : 16K bytes
0FBFFF16
0F7FFF16
0F000016
0EFFFF16
0FFFFF16
User ROM area
0E800016
Block A :2K bytes(2)
Block 2 : 16K bytes (5)
Block 4 : 32K bytes (5)
Block 3 : 32K bytes (5)
Block 1 : 8K bytes(3)
Block 0 : 8K bytes (3)
00F7FF16
00F80016
0E7FFF16
0E000016
Block 5 : 32K bytes(5)
NOTES:
1. To specify a block, use the maximum even address
in the block.
2. Blocks A and B are enabled to use when the PM10
bit in the PM1 register is set to 1.
3. Blocks 0 and 1 are enabled for programs and
erases when the FMR02 bit in the FMR0 register is
set to 1 and the FMR16 bit in the FMR1 register is
set to 1. (CPU rewrite mode only)
4. The boot ROM area is reserved. Do not access.
5. Blocks 2 to 5 are enabled for programs and erases
when the FMR16 bit in the FMR1 register is set to
1. (CPU rewrite mode only)
(Data space)
(Program space)
Figure 20.3 Flash Memory Block Diagram (ROM capacity 128 Kbytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com