Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 354 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 354 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 350Page - Renesas Technology Corp M16C/29 Datasheet HTML 351Page - Renesas Technology Corp M16C/29 Datasheet HTML 352Page - Renesas Technology Corp M16C/29 Datasheet HTML 353Page - Renesas Technology Corp M16C/29 Datasheet HTML 354Page - Renesas Technology Corp M16C/29 Datasheet HTML 355Page - Renesas Technology Corp M16C/29 Datasheet HTML 356Page - Renesas Technology Corp M16C/29 Datasheet HTML 357Page - Renesas Technology Corp M16C/29 Datasheet HTML 358Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 354 / 499 page
background image
20. Flash Memory Version
p
u
o
r
G
9
2
/
C
6
1
M
page 330
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
20. Flash Memory Version
20.1 Flash Memory Performance
In the flash memory version, rewrite operation to the flash memory can be performed in four modes: CPU
rewrite mode, standard serial I/O mode, parallel I/O mode, and CAN I/O mode.
Table 20.1
lists specifications of the flash memory version. (Refer to Table 1.1 or Table 1.2 for the items
not listed in Table 20.1.
Item
Flash memory operating mode
Erase block
Program method
Erase method
Program, erase control method
Protect method
Number of commands
Program/Erase
Endurance(1)
ROM code protection
Specification
4 modes (CPU rewrite, standard serial I/O, parallel I/O, CAN I/O)(3)
See Figures 20.1 to 20.3 Flash Memory Block Diagram
In units of word
Block erase
Program and erase controlled by software command
Blocks 0 to 5 are write protected by FMR16 bit.
In addition, the block 0 and block 1 are write protected by FMR02 bit
5 commands
100 times
1,000 times (See Tables 1.6 to 1.8)
100 times 10,000 times (See Tables 1.6 to 1.8)
Parallel I/O, standard serial I/O, and CAN I/O modes are supported.
Data Retention
20 years (Topr = 55ϒC)
Block 0 to 5 (program area)
Block A and B (data are) (2)
NOTES:
1. Program and erase endurance definition
Program and erase endurance are the erase endurance of each block. If the program and erase endurance are n
times (n=100,1000,10000), each block can be erased n times. For example, if a 2-Kbyte block A is erased after
writing 1 word data 1024 times, each to different addresses, this is counted as one program and erasure.
However, data cannot be written to the same address more than once without erasing the block. (Rewrite
disabled)
2. To use the limited number of erasure efficiently, write to unused address within the block instead of rewrite. Erase
block only after all possible address are used. For example, an 8-word program can be written 128 times before
erase is necessary. Maintaining an equal number of erasure between Block A and B will also improve efficiency.
We recommend keeping track of the number of times erasure is used.
3. The M16C/29 Group, T-ver./V-ver. does not support the CAN I/O mode.
Table 20.1 Flash Memory Version Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com