Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 351 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 351 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 347Page - Renesas Technology Corp M16C/29 Datasheet HTML 348Page - Renesas Technology Corp M16C/29 Datasheet HTML 349Page - Renesas Technology Corp M16C/29 Datasheet HTML 350Page - Renesas Technology Corp M16C/29 Datasheet HTML 351Page - Renesas Technology Corp M16C/29 Datasheet HTML 352Page - Renesas Technology Corp M16C/29 Datasheet HTML 353Page - Renesas Technology Corp M16C/29 Datasheet HTML 354Page - Renesas Technology Corp M16C/29 Datasheet HTML 355Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 351 / 499 page
background image
19. Programmable I/O Ports
p
u
o
r
G
9
2
/
C
6
1
M
page 327
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 19.11 NDDR and P17DDR Registers
NMI Digital Debounce Register (1,2)
Symbol
Address
After Reset
NDDR
033E16
FF16
RW
b7
b0
Function
RW
Setting Range
0016 to FF16
If the set value =n,
- n = 0 to FE16; a signal with pulse width, greater than
(n+1)/f8, is input into NMI / SD
- n = FF16; the digital debounce filter is disabled and all
signals are input
P17 Digital Debounce Register(1)
Symbol
Address
After Reset
P17DDR
033F16
FF16
RW
b7
b0
Function
RW
Setting Range
0016 to FF16
If the set value =n,
- n = 0 to FE16; a signal with pulse width, greater than
(n+1)/f8, is input into INPC17/ INT5
- n = FF16; the digital debounce filter is disabled and all
signals are input
NOTES:
1. Set the PACR register by the next instruction after setting the PRC2 bit in the PRCR register to 1 (write
enable).
2. When using the NMI interrupt to exit from stop mode, set the NDDR registert to FF16 before entering
stop mode.
NOTE:
1. When using the INT5 interrupt to exit from stop mode, set the P17DDR registert to FF16 before entering
stop mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com