Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 350 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 350 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 346Page - Renesas Technology Corp M16C/29 Datasheet HTML 347Page - Renesas Technology Corp M16C/29 Datasheet HTML 348Page - Renesas Technology Corp M16C/29 Datasheet HTML 349Page - Renesas Technology Corp M16C/29 Datasheet HTML 350Page - Renesas Technology Corp M16C/29 Datasheet HTML 351Page - Renesas Technology Corp M16C/29 Datasheet HTML 352Page - Renesas Technology Corp M16C/29 Datasheet HTML 353Page - Renesas Technology Corp M16C/29 Datasheet HTML 354Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 350 / 499 page
background image
19. Programmable I/O Ports
p
u
o
r
G
9
2
/
C
6
1
M
page 326
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 19.9 PCR Register
Figure 19.10 PACR Register
Pin Assignment Control Register (1)
Symbpl
Address
After Reset
PACR
025D16
0016
Bit Name
Function
Bit Symbol
RW
b7 b6 b5 b4 b3 b2 b1 b0
Pin enabling bit
Nothing is assigned. If necessary,
set to 0. When read, the
content is 0
RW
(b6-b3)
010 : 64 pin
011 : 80 pin
All other values are reserved. Do
not use.
PACR0
PACR1
PACR2
RW
RW
Reserved bits
U1MAP
UART1 pin remapping bit
UART1 pins assigned to
0 : P67 to P64
1 : P73 to P70
RW
NOTE:
1. Set the PACR register by the next instruction after setting the PRC2 bit in the PRCR register to 1 (write
enable).
Port Control Register
Symbpl
Address
After Reset
PCR
03FF16
0016
Bit Name
Function
Bit symbol
RW
b7 b6 b5 b4 b3 b2 b1 b0
PCR0
Port P1 control bit
RW
(b7-b1)
Operation performed when the P1
register is read
0: When the port is set for input,
the input levels of P10 to P17
pins are read. When set for
output, the port latch is read.
1: The port latch is read
regardless of whether the port
is set for input or output.
Nothing is assigned. If necessary, set to 0.
When read, the content is 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com