Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 349 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 349 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 345Page - Renesas Technology Corp M16C/29 Datasheet HTML 346Page - Renesas Technology Corp M16C/29 Datasheet HTML 347Page - Renesas Technology Corp M16C/29 Datasheet HTML 348Page - Renesas Technology Corp M16C/29 Datasheet HTML 349Page - Renesas Technology Corp M16C/29 Datasheet HTML 350Page - Renesas Technology Corp M16C/29 Datasheet HTML 351Page - Renesas Technology Corp M16C/29 Datasheet HTML 352Page - Renesas Technology Corp M16C/29 Datasheet HTML 353Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 349 / 499 page
background image
19. Programmable I/O Ports
p
u
o
r
G
9
2
/
C
6
1
M
page 325
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 19.8 PUR0 to PUR2 Registers
Pull-up Control Register 0 (1)
Symbol
Address
After Reset
PUR0
03FC16
0016
Bit Name
Function
Bit Symbol
RW
b7 b6 b5 b4 b3 b2 b1 b0
PU00
P00 to P03 pull-up
PU01
P04 to P07 pull-up
PU02
P10 to P13 pull-up
PU03
P14 to P17 pull-up
PU04
P20 to P23 pull-up
PU05
P24 to P27 pull-up
PU06
P30 to P33 pull-up
PU07
P34 to P37 pull-up
0: Not pulled up
1: Pulled up (1)
Pull-up Control Register 1
Symbol
Address
After Reset
PUR1
03FD16
0016
Bit Name
Function
Bit Symbol
b7 b6 b5 b4 b3 b2 b1 b0
PU14
P60 to P63 pull-up
PU15
P64 to P67 pull-up
PU16
P70 to P73 pull-up
PU17
P74 to P77 pull-up
0: Not pulled high
1: Pulled high (1)
NOTE:
1. The pin for which this bit is 1 (pulled up) and the direction bit is 0 (input mode) is pulled up.
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
NOTE:
1. The pin for which this bit is 1 (pulled up) and the direction bit is 0 (input mode) is pulled up.
Pull-up Control Register 2
Symbol
Address
After Reset
PUR2
03FE16
0016
Bit Name
Function
Bit Symbol
b7 b6 b5 b4 b3 b2 b1 b0
PU20
P80 to P83 pull-up
PU21
P84 to P87 pull-up
PU22
P90 to P93 pull-up
PU23
P95 to P97 pull-up
PU24
P100 to P103 pull-up
PU25
P104 to P107 pull-up
Nothing is assigned. If necessary, set to 0.
When read, the content is 0
0: Not pulled up
1: Pulled up (1)
RW
RW
RW
RW
RW
RW
RW
(b7-b6)
NOTE:
1. The pin for which this bit is 1 (pulled up) and the direction bit is 0 (input mode) is pulled up.
Nothing is assigned. If necessary, set to 0.
When read, the content is 0
(b3-b0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com