Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 347 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 347 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 343Page - Renesas Technology Corp M16C/29 Datasheet HTML 344Page - Renesas Technology Corp M16C/29 Datasheet HTML 345Page - Renesas Technology Corp M16C/29 Datasheet HTML 346Page - Renesas Technology Corp M16C/29 Datasheet HTML 347Page - Renesas Technology Corp M16C/29 Datasheet HTML 348Page - Renesas Technology Corp M16C/29 Datasheet HTML 349Page - Renesas Technology Corp M16C/29 Datasheet HTML 350Page - Renesas Technology Corp M16C/29 Datasheet HTML 351Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 347 / 499 page
background image
19. Programmable I/O Ports
p
u
o
r
G
9
2
/
C
6
1
M
page 323
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 19.6 PD0 to PD3 and PD6 to PD10 Registers
Port Pi Direction Register (i=0 to 3, 6 to 8, and 10) (1)
Symbol
Address
After Reset
PD0 to PD3
03E216, 03E316, 03E616, 03E716
0016
PD6 to PD8
03EE16, 03EF16, 03F216
0016
PD10
03F616
0016
Bit Name
Function
Bit Symbol
RW
b7 b6 b5 b4 b3 b2 b1 b0
PDi_0
Port Pi0 direction bit
PDi_1
Port Pi1 direction bit
PDi_2
Port Pi2 direction bit
PDi_3
Port Pi3 direction bit
PDi_4
Port Pi4 direction bit
PDi_5
Port Pi5 direction bit
PDi_6
Port Pi6 direction bit
PDi_7
Port Pi7 direction bit
0: Input mode
(Functions as an input port)
1: Output mode
(Functions as an output port)
(i = 0 to 3, 6 to 8, and 10)
Port P9 Direction Register (1,2)
Symbol
Address
After Reset
PD9
03F316
000X00002
Bit Name
Function
Bit Symbol
b7 b6 b5 b4 b3 b2 b1 b0
PD9_0
Port P90 direction bit
PD9_1
Port P91 direction bit
PD9_2
Port P92 direction bit
PD9_3
Port P93 direction bit
0: Input mode
(Functions as an input port)
1: Output mode
(Functions as an output port)
0: Input mode
(Functions as an input port)
1: Output mode
(Functions as an output port)
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
PD9_5
Port P95 direction bit
RW
PD9_6
Port P96 direction bit
RW
PD9_7
Port P97 direction bit
RW
Nothing is assigned. If necessary, set to 0.
When read, the content is undefined
(b4)
NOTES:
1. Make sure the PD9 register is written to by the next instruction after setting the PRC2 bit in the
PRCR register to 1(write enabled).
2. Set the PACR register.
In 80-pin package, set bits PACR2, PACR1, PACR0 to 0112.
In 64-pin package, set bits PACR2, PACR1, PACR0 to 0102.
NOTE:
1. Set the PACR register.
In 80-pin package, set bits PACR2, PACR1, PACR0 to 0112.
In 64-pin package, set bits PACR2, PACR1, PACR0 to 0102.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com