Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 348 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 348 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 344Page - Renesas Technology Corp M16C/29 Datasheet HTML 345Page - Renesas Technology Corp M16C/29 Datasheet HTML 346Page - Renesas Technology Corp M16C/29 Datasheet HTML 347Page - Renesas Technology Corp M16C/29 Datasheet HTML 348Page - Renesas Technology Corp M16C/29 Datasheet HTML 349Page - Renesas Technology Corp M16C/29 Datasheet HTML 350Page - Renesas Technology Corp M16C/29 Datasheet HTML 351Page - Renesas Technology Corp M16C/29 Datasheet HTML 352Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 348 / 499 page
background image
19. Programmable I/O Ports
p
u
o
r
G
9
2
/
C
6
1
M
page 324
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 19.7 P0 to P3 and P6 to P10 Registers
Port Pi Register (i=0 to 3, 6 to 8 and 10)(1)
After Reset
Undefined
Undefined
Undefined
Bit Name
Function
Bit Symbol
RW
b7 b6 b5 b4 b3 b2 b1 b0
Pi_0
Port Pi0 bit
Pi_1
Port Pi1 bit
Pi_2
Port Pi2 bit
Pi_3
Port Pi3 bit
Pi_4
Port Pi4 bit
Pi_5
Port Pi5 bit
Pi_6
Port Pi6 bit
Pi_7
Port Pi7 bit
Port P9 Register (1)
Symbol
Address
After Reset
P9
03F116
Undefined
Bit Name
Function
Bit Symbol
b7 b6 b5 b4 b3
b2 b1 b0
P9_0
Port P90 bit
P9_1
Port P91 bit
P9_2
Port P92 bit
P9_3
Port P93 bit
(b4)
Nothing is assigned (2)
P9_5
Port P95 bit
P9_6
Port P96 bit
P9_7
Port P97 bit
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
-
RW
RW
RW
RW
The pin level on any I/O port which is
set for input mode can be read by
reading the corresponding bit in this
register. The pin level on any I/O port
which is set for output mode can be
controlled by writing to the
corresponding bit in this register
0: “L” level
1: “H” level (1)
(i = 0 to 3, 6 to 8 and 10)
The pin level on any I/O port which is
set for input mode can be read by
reading the corresponding bit in this
register. The pin level on any I/O port
which is set for output mode can be
controlled by writing to the
corresponding bit in this register
(except for P85)
0: “L” level
1: “H” level
Address
03E016, 03E116, 03E416, 03E516
03EC16, 03ED16, 03F016
03F416
Symbol
P0 to P3
P6 to P8
P10
NOTE:
1. Set the PACR register.
In 80-pin package, set bits PACR2, PACR1, PACR0 to 0112.
In 64-pin package, set bits PACR2, PACR1, PACR0 to 0102.
NOTES:
1. Set the PACR register.
In 80-pin package, set bits PACR2, PACR1, PACR0 to 0112.
In 64-pin package, set bits PACR2, PACR1, PACR0 to 0102.
2. Nothing is assigned. If necessary, set to 0. When read, the content is 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com