Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 352 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 352 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 348Page - Renesas Technology Corp M16C/29 Datasheet HTML 349Page - Renesas Technology Corp M16C/29 Datasheet HTML 350Page - Renesas Technology Corp M16C/29 Datasheet HTML 351Page - Renesas Technology Corp M16C/29 Datasheet HTML 352Page - Renesas Technology Corp M16C/29 Datasheet HTML 353Page - Renesas Technology Corp M16C/29 Datasheet HTML 354Page - Renesas Technology Corp M16C/29 Datasheet HTML 355Page - Renesas Technology Corp M16C/29 Datasheet HTML 356Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 352 / 499 page
background image
19. Programmable I/O Ports
p
u
o
r
G
9
2
/
C
6
1
M
page 328
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 19.12 Functioning of Digital Debounce Filter
f8
P17
Data Bus
1. (Condition after reset). P17DDR=FF16. Pin input signal will be output directly.
2. Set the P17DDR register to 0316. The P17DDR register starts decrement along the f8 as a counter source, if the pin
input level (e.g.,"L") and the signal output level (e.g.,"H") are not matched.
3. The P17DDR register will stops counting when the pin input level and the signal output level are matched (e.g.,
both levels are "H") while counting.
4. If the pin input level (e.g.,"L") and the signal output level (e.g.,"H") are not matched the P17DDR register will start
decrement again after the setting value is reloaded.
5. When the P17DDR register is underflow, it stops counting and the signal output will output the same as pin input
level (e.g."L").
6. If the pin input level (e.g.,"H") and the signal output level (e.g., "L") are not matched again, the P17DDR register will
start decrement again after the setting value is reloaded.
7. When the P17DDR register is underflow, it stops counting and the signal output will output the same as pin input
level (e.g."H").
8. If the pin input level (e.g.,"H") and the signal output level (e.g., "L") are not matched again, the P17DDR register will
start decrement again after the setting value is reloaded.
9. Set the P17DDR register to FF16. The P17DDR register starts counting after the setting value is reloaded. Pin input
signal will be output directly.
Clock
Port In
Reload Value
(write)
Digital Debounce Filter
Signal Out
Count Value
(read)
To INT5
Data Bus
f8
Reload Value
Port In
Signal Out
Count Value
Reload Value
(continued)
Port In
(continued)
Signal Out
(continued)
Count Value
(continued)
FF
03
FF
03
02
01
03
02
01
00
FF
03
FF
03
02
01
00
FF
FF
03
02
FF
1
2
3
4
5
6
7
8
9
•
Example of INT5 Digital Debounce Function (if P17DDR = 0316)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com