Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 356 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 356 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 352Page - Renesas Technology Corp M16C/29 Datasheet HTML 353Page - Renesas Technology Corp M16C/29 Datasheet HTML 354Page - Renesas Technology Corp M16C/29 Datasheet HTML 355Page - Renesas Technology Corp M16C/29 Datasheet HTML 356Page - Renesas Technology Corp M16C/29 Datasheet HTML 357Page - Renesas Technology Corp M16C/29 Datasheet HTML 358Page - Renesas Technology Corp M16C/29 Datasheet HTML 359Page - Renesas Technology Corp M16C/29 Datasheet HTML 360Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 356 / 499 page
background image
20. Flash Memory Version
p
u
o
r
G
9
2
/
C
6
1
M
page 332
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
20.2 Memory Map
The flash memory contains the user ROM area and the boot ROM area (reserved area). Figures 20.1 to
20.3
show a block diagram of the flash memory. The user ROM area has space to store the MCU operation
program in single-chip mode and two 2-Kbyte spaces: the block A and B.
The user ROM area is divided into several blocks. The user ROM area can be rewritten in CPU rewrite,
standard serial I/O, parallel I/O, or CAN I/O mode.
However, to rewrite program in block 0 and 1 in CPU rewrite mode, set the FMR02 bit in the FMR0 register
to 1 (block 0, 1 rewrite enabled) and the FMR16 bit in the FMR1 register to 1 (blocks 0 to 5 rewrite enabled).
Also, to rewrite program in blocks 2 to 5 in CPU rewrite mode, set the FMR16 bit in the FMR1 register to 1
(blocks 0 to 5 rewrite enabled). When the PM10 bit in the PM1 register is set to 1 (data space access
enabled), blocks A and B can be available for use.
00FFFF16
Block B :2K bytes(2)
00F00016
4K bytes(4)
0FF00016
0FFFFF16
Boot ROM area
0FE00016
0FC00016
0FDFFF16
0F800016
Block 2 : 16K bytes
0FBFFF16
0F7FFF16
0F000016
0FFFFF16
User ROM area
Block A :2K bytes (2)
Block 2 : 16K bytes (5)
Block 3 : 32K bytes (5)
Block 1 : 8K bytes (3)
Block 0 : 8K bytes (3)
00F7FF16
00F80016
NOTES:
1. To specify a block, use the maximum even address in the block.
2. Blocks A and B are enabled to use when the PM10 bit in the PM1
register is set to 1.
3. Blocks 0 and 1 are enabled for programs and erases when the
FMR02 bit in the FMR0 register is set to 1 and the FMR16 bit in
the FMR1 register is set to 1. (CPU rewrite mode only)
4. The boot ROM area is reserved. Do not access.
5. Blocks 2 and 3 are enabled for programs and erases when the
FMR16 bit in the FMR1 register is set to 1. (CPU rewrite mode
only)
(Data space)
(Program space)
Figure 20.1 Flash Memory Block Diagram (ROM capacity 64 Kbytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com