Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 355 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 355 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 351Page - Renesas Technology Corp M16C/29 Datasheet HTML 352Page - Renesas Technology Corp M16C/29 Datasheet HTML 353Page - Renesas Technology Corp M16C/29 Datasheet HTML 354Page - Renesas Technology Corp M16C/29 Datasheet HTML 355Page - Renesas Technology Corp M16C/29 Datasheet HTML 356Page - Renesas Technology Corp M16C/29 Datasheet HTML 357Page - Renesas Technology Corp M16C/29 Datasheet HTML 358Page - Renesas Technology Corp M16C/29 Datasheet HTML 359Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 355 / 499 page
background image
20. Flash Memory Version
p
u
o
r
G
9
2
/
C
6
1
M
page 331
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Table 20.2. Flash Memory Rewrite Modes Overview
Flash memory
CPU rewrite mode
Standard serial I/O
Parallel I/O mode
CAN I/O mode
rewrite mode
mode
Function
The user ROM area is
The user ROM area
The user ROM areas
The user ROM areas is
rewritten when the CPU is rewritten using a
are rewritten using a
rewritten using a
excutes software
dedicated serial
dedicated parallel
dedicated CAN pro-
command
programmer.
programmer.
grammer.
from the CPU.
Standard serial I/O
EW0 mode:
mode 1:
Rewrite in area other
Clock synchronous
than flash memory
serial I/O
EW1 mode:
Standard serial I/O
Rewrite in flash
mode 2:
memory
UART
Areas which
User ROM area
User ROM area
User ROM area
User ROM area
can be rewritten
Operation
Single chip mode
Boot mode
Parallel I/O mode
Boot mode
mode
ROM
None
Serial programmer
Parallel programmer
CAN programmer
programmer
20.1.1 Boot Mode
The MCU enters boot mode when a hardware reset is performed while a high-level ("H") signal is applied
to pins CNVSS and P86 or while an "H" signal is applied to pins CNVSS and P16 and a low-level ("L")
signal is applied to the P85. A program in the boot ROM area is executed.
The boot ROM area is reserved. The boot ROM area stores the rewrite control program for a standard
serial I/O mode before shipping. Do not rewrite the boot ROM area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com