Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 360 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 360 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 356Page - Renesas Technology Corp M16C/29 Datasheet HTML 357Page - Renesas Technology Corp M16C/29 Datasheet HTML 358Page - Renesas Technology Corp M16C/29 Datasheet HTML 359Page - Renesas Technology Corp M16C/29 Datasheet HTML 360Page - Renesas Technology Corp M16C/29 Datasheet HTML 361Page - Renesas Technology Corp M16C/29 Datasheet HTML 362Page - Renesas Technology Corp M16C/29 Datasheet HTML 363Page - Renesas Technology Corp M16C/29 Datasheet HTML 364Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 360 / 499 page
background image
20. Flash Memory Version
p
u
o
r
G
9
2
/
C
6
1
M
page 336
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Symbol
Address
Factory Setting
ROMCP
0FFFFF16
FF16 (4)
ROM Code Protect Control Address(5)
Bit Name
Function
Bit Symbol
b7 b6 b5 b4 b3 b2 b1 b0
00:
01:
10:
11: Disables protect
ROM Code Protect Level
1 Set Bit (1, 2, 3, 4)
ROMCP1
b7 b6
1
1
Reserved Bit
Set to 1
Enables protect
}
NOTES:
1. When the ROM code protect is active by the ROMCP1 bit setting, the flash memory is protected
against reading or rewriting in parallel I/O mode.
2. Set the bit 5 to bit 0 to 1111112 when the ROMCP1 bit is set to a value other than 112. When the bit 5
to bit 0 are set to values other than 1111112, the ROM code protection may not become active by
setting the ROMCP1 bit to a value other than 112.
3. To make the ROM code protection inactive, erase a block including the ROMCP address in standard
serial I/O mode or CPU rewrite mode.
4. The ROMCP address is set to FF16 when a block, including the ROMCP address, is erased.
5. When a value of the ROMCP address is 0016 or FF16, the ROM code protect function is disabled.
1
1
RW
RW
RW
RW
(b5-b0)
Reset vector
Watchdog timer vector
Single step vector
Address match vector
BRK instruction vector
Overflow vector
Undefined instruction vector
ID7
ID6
ID5
ID4
ID3
ID2
ID1
DBC vector
NMI vector
0FFFFF16 to 0FFFFC16
0FFFFB16 to 0FFFF816
0FFFF716 to 0FFFF416
0FFFF316 to 0FFFF016
0FFFEF16 to 0FFFEC16
0FFFEB16 to 0FFFE816
0FFFE716 to 0FFFE416
0FFFE316 to 0FFFE016
0FFFDF16 to 0FFFDC16
4 bytes
Address
ROMCP
Figure 20.4 ROMCP Address
Figure 20.5 Address for ID Code Stored



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com