Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 361 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 361 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 357Page - Renesas Technology Corp M16C/29 Datasheet HTML 358Page - Renesas Technology Corp M16C/29 Datasheet HTML 359Page - Renesas Technology Corp M16C/29 Datasheet HTML 360Page - Renesas Technology Corp M16C/29 Datasheet HTML 361Page - Renesas Technology Corp M16C/29 Datasheet HTML 362Page - Renesas Technology Corp M16C/29 Datasheet HTML 363Page - Renesas Technology Corp M16C/29 Datasheet HTML 364Page - Renesas Technology Corp M16C/29 Datasheet HTML 365Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 361 / 499 page
background image
20. Flash Memory Version
p
u
o
r
G
9
2
/
C
6
1
M
page 337
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Item
EW mode 0
EW mode 1
Operation mode
Single chip mode
Single chip mode
Areas in which a
User ROM area
User ROM area
rewrite control
program can be located
Areas where
The rewrite control program must be The rewrite control program can be
rewrite control
transferred to any other than the flash excuted in the user ROM area
program can be
memory (e.g., RAM) before being
executed(2)
executed
Areas which can be
User ROM area
User ROM area
rewritten
However, this excludes blocks with the
rewrite control program
Software command
None
• Program, block erase command
Restrictions
Cannot be executed in a block having
the rewite control program
• Read Status Register command
Cannot be executed
Mode after programming Read Status Register Mode
Read Array mode
or erasing
CPU state during auto-
Operating
In a hold state (I/O ports retain the state
write and auto-erase
before the command is excuted(1)
Flash memory status
• Read the FMR00, FMR06, and
Read the FMR00, FMR06, and FMR07
detection
FMR07 bits in the FMR0 register
bits in the FMR0 registerby program
by program
• Execute the read status register
command to read bits SR7, SR5,
and SR4.
Condition for transferring
Set bits FMR40 and FMR41 in
The FMR40 bit in the FMR4 register is
to erase-suspend(3)
the FMR4 register to 1 by program.
set to 1 and the interruput request of
an acknowledged interrupt is generated
NOTES:
1. Do not generate a DMA transfer.
2. Block 1 and Block 0 are enabled for rewrite by setting FMR02 bit in the FMR0 register to 1 and setting
FMR16 bit in the FMR1 register to 1. Block 2 to Block 5 are enabled for rewrite by setting FMR16 bit
in the FMR1 register to 1.
3. The time, until entering erase suspend and reading flash is enabled, is maximum
td(SR-ES) after
satisfying the conditions.
20.4 CPU Rewrite Mode
In CPU rewrite mode, the user ROM area can be rewritten when the CPU executes software commands.
The user ROM area can be rewritten with MCU mounted on a board without using the ROM writer. The
program and block erase commands are executed only in the user ROM area.
When the interrupt requests are generated during the erase operation in CPU rewirte mode, the flash
memory offers an erase suspend function to suspend the erase operation and process the interrupt opera-
tion. During the erase suspend function is operated, the user ROM area can be read by program.
Erase-write(EW) 0 mode and erase-write 1 mode are provided as CPU rewrite mode. Table 20.3 lists
differences between EW mode 0 and EW mode 1. One wait is required for the CPU erase-write control.
Table 20.3 EW Mode 0 and EW Mode 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com