Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 372 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 372 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 368Page - Renesas Technology Corp M16C/29 Datasheet HTML 369Page - Renesas Technology Corp M16C/29 Datasheet HTML 370Page - Renesas Technology Corp M16C/29 Datasheet HTML 371Page - Renesas Technology Corp M16C/29 Datasheet HTML 372Page - Renesas Technology Corp M16C/29 Datasheet HTML 373Page - Renesas Technology Corp M16C/29 Datasheet HTML 374Page - Renesas Technology Corp M16C/29 Datasheet HTML 375Page - Renesas Technology Corp M16C/29 Datasheet HTML 376Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 372 / 499 page
background image
20. Flash Memory Version
p
u
o
r
G
9
2
/
C
6
1
M
page 348
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
20.7.4 Program Command (4016)
The program command writes 2-byte data to the flash memory.
Auto program operation (data program and verify) start by writing xx4016 in the first bus cycle and data to
the write address specified in the second bus cycle. The address value specified in the first bus cycle
must be the same even address as the write address secified in the second bus cycle.
The FMR00 bit in the FMR0 register indicates whether an auto-programming operation has been com-
pleted. The FMR00 bit is set to 0 during the auto-program and 1 when the auto-program operation is
completed.
After the completion of auto-program operation, the FMR06 bit in the FMR0 register indicates whether or
not the auto-program operation has been successfully completed. (Refer to 20.8.4 Full Status Check).
Also, each block can disable programming command (Refer to Table 20.4).
An address that is already written cannot be altered or rewritten.
When commands other than the program command are executed immediately after executing the pro-
gram command, set the same address as the write address specified in the second bus cycle of the
program command, to the specified address value in the first bus cycle of the following command.
In EW mode 1, do not execute this command on the blocks where the rewrite control program is allo-
cated.
In EW mode 0, the MCU enters read status register mode as soon as the auto-program operation starts
and the status register can be read. The SR7 bit in the status register is set to 0 as soon as the auto-
program operation starts. This bit is set to 1 when the auto-program operation is completed. The MCU
remains in read status register mode until the read array command is written. After completion of the
auto-program operation, the status register indicates whether or not the auto-program operation has
been successfully completed.
Figure 20.11 Flow Chart of Program Command
Start
Program completed
YES
NO
NOTES:
1. Write the command code and data at even address.
2. Refer to Figure 20.14.
Write command code xx4016 to the
write address
(1)
Write data to the write address(1)
FMR00=1?
Full status check
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com