Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 468 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 468 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 464Page - Renesas Technology Corp M16C/29 Datasheet HTML 465Page - Renesas Technology Corp M16C/29 Datasheet HTML 466Page - Renesas Technology Corp M16C/29 Datasheet HTML 467Page - Renesas Technology Corp M16C/29 Datasheet HTML 468Page - Renesas Technology Corp M16C/29 Datasheet HTML 469Page - Renesas Technology Corp M16C/29 Datasheet HTML 470Page - Renesas Technology Corp M16C/29 Datasheet HTML 471Page - Renesas Technology Corp M16C/29 Datasheet HTML 472Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 468 / 499 page
background image
p
u
o
r
G
9
2
/
C
6
1
M
22. Usage Notes
page 444
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
22.11.2 CAN Transceiver in Boot Mode
When programming the flash memory in boot mode via CAN bus, the operation mode of CAN transceiver
should be set to “high-speed mode” or “normal operation mode”. If the operation mode is controlled by the
MCU, CAN transceiver must be set the operation mode to “high-speed mode” or “normal operation mode”
before programming the flash memory by changing the switch etc. Tables 22.3 and 22.4 show pin con-
nections of CAN transceiver.
Table 22.3 Pin Connections of CAN Transceiver (In case of PCA82C250: Philips product)
Standby mode
High-speed mode
Rs pin (Note 1) “H”“L”
CAN communication impossible
possible
Connection
M16C/29
PCA82C250
CTx0
CRx0
Port (2)
TxD
RxD
Rs
CANH
CANL
Switch OFF
M16C/29
PCA82C250
CTx0
CRx0
TxD
RxD
Rs
CANH
CANL
Port (2)
Switch ON
Sleep mode
Normal operation mode
_______
STB pin (Note 1) “L”“H”
EN pin (Note 1) “L”“H”
CAN communication impossible
possible
Connection
M16C/29
PCA82C252
CTx0
CRx0
TxD
RxD
STB
CANH
CANL
EN
Switch OFF
Port (2)
Port (2)
M16C/29
PCA82C252
CTx0
CRx0
TxD
RxD
STB
CANH
CANL
EN
Port (2)
Port (2)
Switch ON
Note 1: The pin which controls the operation mode of CAN transceiver.
Note 2: Connect to enabled port to control CAN transceiver.
Table 22.4 Pin Connections of CAN Transceiver (In case of PCA82C252: Philips product)
Note 1: The pin which controls the operation mode of CAN transceiver.
Note 2: Connect to enabled port to control CAN transceiver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com