Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 466 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 466 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 462Page - Renesas Technology Corp M16C/29 Datasheet HTML 463Page - Renesas Technology Corp M16C/29 Datasheet HTML 464Page - Renesas Technology Corp M16C/29 Datasheet HTML 465Page - Renesas Technology Corp M16C/29 Datasheet HTML 466Page - Renesas Technology Corp M16C/29 Datasheet HTML 467Page - Renesas Technology Corp M16C/29 Datasheet HTML 468Page - Renesas Technology Corp M16C/29 Datasheet HTML 469Page - Renesas Technology Corp M16C/29 Datasheet HTML 470Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 466 / 499 page
background image
p
u
o
r
G
9
2
/
C
6
1
M
22. Usage Notes
page 442
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
22.11 CAN Module
22.11.1 Reading C0STR Register
The CAN module on the M16C/29 Group updates the status of the C0STR register in a certain period.
When the CPU and the CAN module access to the C0STR register at the same time, the CPU has the
access priority; the access from the CAN module is disabled. Consequently, when the updating period of
the CAN module matches the access period from the CPU, the status of the CAN module cannot be
updated. (See Figure 22.5)
Accordingly, be careful about the following points so that the access period from the CPU should not
match the updating period of the CAN module:
(1) There should be a wait time of 3fCAN or longer (see Table 22.2) before the CPU reads the C0STR
register. (See Figure 22.6)
(2) When the CPU polls the C0STR register, the polling period must be 3fCAN or longer. (See Figure
22.7
)
Table 22.2 CAN Module Status Updating Period
3fCAN period = 3 ✕ XIN (Original oscillation period) ✕ Division value of the CAN clock (CCLK)
(Example 1) Condition XIN 16 MHz CCLK: Divided by 1
3fCAN period = 3 ✕ 62.5 ns ✕ 1 = 187.5 ns
(Example 2) Condition XIN 16 MHz CCLK: Divided by 2
3fCAN period = 3 ✕ 62.5 ns ✕ 2 = 375 ns
(Example 3) Condition XIN 16 MHz CCLK: Divided by 4
3fCAN period = 3 ✕ 62.5 ns ✕ 4 = 750 ns
(Example 4) Condition XIN 16 MHz CCLK: Divided by 8
3fCAN period = 3 ✕ 62.5 ns ✕ 8 = 1.5 µs
(Example 5) Condition XIN 16 MHz CCLK: Divided by 16
3fCAN period = 3 ✕ 62.5 ns ✕ 16 = 3 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com